Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 172 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 168Page - ATMEL Corporation AT90SCR100 Datasheet HTML 169Page - ATMEL Corporation AT90SCR100 Datasheet HTML 170Page - ATMEL Corporation AT90SCR100 Datasheet HTML 171Page - ATMEL Corporation AT90SCR100 Datasheet HTML 172Page - ATMEL Corporation AT90SCR100 Datasheet HTML 173Page - ATMEL Corporation AT90SCR100 Datasheet HTML 174Page - ATMEL Corporation AT90SCR100 Datasheet HTML 175Page - ATMEL Corporation AT90SCR100 Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 433 page
background image
172
TPR0327AY–SMS–30Jan09
AT90SCR100
The software must update these bits with the address value received during a valid
SET_ADDRESS request.
It must then set (one) the bit USBGS.FAF (see “USBGS - USB Global State Register” on page
171).
14.8.13
USBFN - USB Frame Number Registers
• Bits 15..13 - Res: Reserved Bits
These bits are reserved bits in the AT90SCR100 and are always read as zero.
• Bit 12 - FNEND : Frame Number End Bit
This bit is set (one) and cleared (zero) by hardware.
This bit is set (one) when an End Of Packet Start Of Frame (SOF) transaction has occurred.
This bit is cleared (zero) by the next detected SOF.
• Bit 11 - FNERR : Frame Number Error Bit
This bit is set (one) and cleared (zero) by hardware.
This bit is set (one) if the last Frame Number Field received is corrupted. Otherwise it is cleared
(zero).
• Bits 10..0 - FN10..0 : Frame Number Bits
These bits are set (one) and cleared (zero) by hardware.
These bits represent the Frame Number value.
14.9
USBDMA Controller
The USBDMA controller, implemented on the AT90SCR100, is intended to be used for execut-
ing fast transfers between the RAM memory and the DPRAM (Dual Port RAM) which is
dedicated to the USB endpoints. This feature allows the application software of the
AT90SCR100 to manage the exchanges imposed by the USB protocol.
Bit
15
141312
11
10
9
8
$0000E9
-
-
-
FNEND
FNERR
FN10
FN9
FN8
USBFNH
$0000E8
FN7
FN6
FN5
FN4
FN3
FN2
FN1
FN0
USBFNL
Bit
7654
3
2
1
0
Read/write
RRRRR
R
R
R
RRRRR
R
R
R
Initial value
0000
0
0
0
0
0x00
0000
0
0
0
0
0x00
The Frame Number value represented by the eleven bits USBFNH.FN2..0 and
USBFNL.FN7..0 should only be read when bit USBFNH.FNEND is set (one).
Note
All the USB registers described in this section cannot be accessed if the USB
module is not enabled.
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com