Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 173 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 169Page - ATMEL Corporation AT90SCR100 Datasheet HTML 170Page - ATMEL Corporation AT90SCR100 Datasheet HTML 171Page - ATMEL Corporation AT90SCR100 Datasheet HTML 172Page - ATMEL Corporation AT90SCR100 Datasheet HTML 173Page - ATMEL Corporation AT90SCR100 Datasheet HTML 174Page - ATMEL Corporation AT90SCR100 Datasheet HTML 175Page - ATMEL Corporation AT90SCR100 Datasheet HTML 176Page - ATMEL Corporation AT90SCR100 Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 433 page
background image
173
TPR0327AY–SMS–30Jan09
AT90SCR100
The USBDMA controller basically requires four I/O registers to run and can be configured either
to send or to receive data through the USB bus. Actually, its main purpose is to transfer data
between the RAM of the AT90SCR100 and the DPRAM of the USB module. Very easy to use, it
just requires the application software to select an endpoint (which can be the source or the des-
tination), to set a valid base address in RAM (which can be the source or the destination), to fix
the amount of data to be exchanged and the direction of the transfer.
One USBDMA operation can transfer up to N bytes in (N+1) AVR cycles.
Figure 14-6.
USBDMA Controller Diagram
14.9.1
USBDMACS - USBDMA Control and Status Register
This is the control and status register of the USBDMA controller.
• Bit 7 - Res : Reserved Bit
This bit is reserved in the AT90SCR100 and is always read as zero.
• Bit 6..4 - EPS2..0 : Endpoint Selection Bits
Even if not represented above, the exchanges between the RAM and the DPRAM
are controlled by the USB USBFI (see “USB Module Diagram” on page 34).
When a USBDMA operation is started, the AVR is automatically stopped. At the
end of the USBDMA operation, the application software automatically restarts
where it left (actually with the instruction following the launching of the USBDMA
operation). Thus the application software does not need to wait for an interruption
or to poll the end of the USBDMA operation.
RAM
DPRAM
$100
$10FF
Endpoint 0
(64 Bytes)
Endpoint 1
(2x64 Bytes)
Endpoint 2
(2x64 Bytes)
Endpoint 3
(2x64 Bytes)
USBDMACS.EPS2:0
000
001
010
011
USBDMACS.DMAR
0
1
USBDMACS.DMADIR
0
1
USBDMACS.DMAERR
DMAD
Endpoint 4
(8 Bytes)
Endpoint 5
(8 Bytes)
Endpoint 6
(8 Bytes)
100
101
110
Endpoint 7
(8 Bytes)
111
DMA Controller Diagram
Note
Bit
7
654
3
2
1
0
$0000EA
-
EPS2
EPS1
EPS0
-
USBDMAERR USBDMAIR USBDMAR USBDMACS
Read/write
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com