Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 169 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 165Page - ATMEL Corporation AT90SCR100 Datasheet HTML 166Page - ATMEL Corporation AT90SCR100 Datasheet HTML 167Page - ATMEL Corporation AT90SCR100 Datasheet HTML 168Page - ATMEL Corporation AT90SCR100 Datasheet HTML 169Page - ATMEL Corporation AT90SCR100 Datasheet HTML 170Page - ATMEL Corporation AT90SCR100 Datasheet HTML 171Page - ATMEL Corporation AT90SCR100 Datasheet HTML 172Page - ATMEL Corporation AT90SCR100 Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 433 page
background image
169
TPR0327AY–SMS–30Jan09
AT90SCR100
• Bit 1 - RCVD : Received Data Bit
This bit is a status bit.
It is set (one) by hardware and cleared (zero) by software.
If it is set (one), the DPRAM of the corresponding endpoint is filled with data coming from the
host through the USB bus.
This bit is a source for the Endpoint interrupt and must be cleared to acknowledge the
interruption.
• Bit 0 - TXC : Tx Complete Bit
This bit is a status bit.
It is set (one) by hardware and cleared (zero) by software.
If it is set (one), an ACK handshake from the host has been received on the corresponding end-
point through the USB bus.
This bit is a source for the Endpoint interrupt and must be cleared to acknowledge the
interruption.
14.8.8
USBDBCEX - USB Data Byte Count Registers for Endpoint X
Set USBENUM register to point to the relevant Endpoint before using the USBDBCEX register.
If a packet of data has been received from the host in the corresponding endpoint through the
USB bus, these registers indicate the amount of data bytes available in the DPRAM.
The value is considered valid if the bit USBCSEX.RCVD has been previously set by hardware.
• Bits 7..0 - BCT7..0 : Bytes Count Bits
These bits are set (one) and cleared (zero) by hardware.
14.8.9
USBFCEX - USB Function Control Registers for Endpoint X
Set USBENUM register to point to the relevant Endpoint before using the USBFCEX register.
• Bits 7 - EPE : Endpoint Enable Bit
This bit is set (one) and cleared (zero) by software.
When it is set (one) the corresponding endpoint is enabled.
When it is cleared (zero) the corresponding endpoint is disabled.
A disabled endpoint does not respond when addressed (read or written) by the host.
Bit
76543
2
1
0
$0000CC
BCT7
BCT6
BCT5
BCT4
BCT3
BCT2
BCT1
BCT0
USBDBCEX
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000
0
0
0
0x00
Bit
7654
3
2
1
0
$0000CD
EPE
----
EPDIR
EPTYP1 EPTYP0 USBFCEX
Read/write
R/W
RRRR
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com