Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 170 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 170 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 166Page - ATMEL Corporation AT90SCR100 Datasheet HTML 167Page - ATMEL Corporation AT90SCR100 Datasheet HTML 168Page - ATMEL Corporation AT90SCR100 Datasheet HTML 169Page - ATMEL Corporation AT90SCR100 Datasheet HTML 170Page - ATMEL Corporation AT90SCR100 Datasheet HTML 171Page - ATMEL Corporation AT90SCR100 Datasheet HTML 172Page - ATMEL Corporation AT90SCR100 Datasheet HTML 173Page - ATMEL Corporation AT90SCR100 Datasheet HTML 174Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 433 page
background image
170
TPR0327AY–SMS–30Jan09
AT90SCR100
At USB reset, EPE for endpoint 0 (USBFCEX.EPE for USBENUM=0) is automatically set by
hardware.
• Bits 6..3 - Res : Reserved Bits
These bits are reserved bits in the AT90SCR100 and are always read as zero.
• Bit 2- EPDIR : Endpoint Direction Bit
This bit is set (one) and cleared (zero) by software.
This bit indicates the direction of the endpoint and is not valid for endpoints operating in Control
transfer mode as this type of transfer occurs in both direction.
If it is set (one), the endpoint direction is IN.
If it is cleared (zero), the endpoint direction is OUT.
• Bits 1..0 - EPTYP0 EPTYP1 : Endpoint Type Bits
These bits are set (one) and cleared (zero) by software.
These bit indicate the type of USB data transfer of the corresponding endpoint. See table below
for the values available:
14.8.10
USBRSTE - USB Reset Endpoint Register
• Bits 7..0 - RSTE7..0 : Reset Endpoint 7..0 Bits
These bits are set (one) by software and cleared (zero) by hardware.
Each endpoint has its corresponding bit (e.g RSTE3 corresponds to the endpoint 3) which is
used to reset the endpoint.
When resetting an endpoint, the following actions are performed:
• Reset the DPRAM address pointers.
• Set the internal data toggle bit to zero.
To reset endpoint n (n=0..7), which is necessary when changing the device configuration and
recommended when receiving a USB bus Reset signaling (before starting the enumeration oper-
ations), the following procedure shall be applied:
1. Clear (zero) USBRSTE.RSTEn.
2. Set (one) bit USBRSTE.RSTEn.
Table 15-1 .
Endpoint Types Selection
EPTYP1
EPTYP0
Transfer
00
Control
0
1
Isochronous
10
Bulk
1
1
Interrupt
Bit
7654
3
2
1
0
$0000E5
RSTE7
RSTE6
RSTE5
RSTE4
RSTE3
RSTE2
RSTE1
RSTE0 USBRSTE
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com