Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 178 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 178 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 174Page - ATMEL Corporation AT90SCR100 Datasheet HTML 175Page - ATMEL Corporation AT90SCR100 Datasheet HTML 176Page - ATMEL Corporation AT90SCR100 Datasheet HTML 177Page - ATMEL Corporation AT90SCR100 Datasheet HTML 178Page - ATMEL Corporation AT90SCR100 Datasheet HTML 179Page - ATMEL Corporation AT90SCR100 Datasheet HTML 180Page - ATMEL Corporation AT90SCR100 Datasheet HTML 181Page - ATMEL Corporation AT90SCR100 Datasheet HTML 182Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 433 page
background image
178
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 15-1.
SCIB Block Diagram
15.4
Definitions
This paragraph introduces some of the terms used in ISO 7816-3 and EMV standards. Please
refer to the full standards for a complete list of terms.
Terminal and ICC
Terminal is the reader, ICC is the Integrated Circuit Card
ETU
Elementary Timing Unit (Bit time)
T=0
Character oriented half duplex protocol T=0
T=1
Block oriented half duplex protocol T=1
Activation: Cold Reset
Reset initiated by the Terminal with Vcc power-up. The card will answer with ATR (see below)
Activation: Warm Reset
Reset initiated by the Terminal with Vcc already powered-up, and after a prior ATR or Warm
Reset
Barrel Shifter
Scart
fsm
Power_on
Power_off
fsm
INT
I/O
Mux
Etu Counter
Guard Time Counter
Waiting Time Counter
SCI Registers
Interrupt Generator
CIO (out)
CIO (in)
CCLK
CRST
CC4 (out)
CC8 (out)
CC4 (in)
CC8 (in)
VCARD
clk
SCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com