Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 187 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 187 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 183Page - ATMEL Corporation AT90SCR100 Datasheet HTML 184Page - ATMEL Corporation AT90SCR100 Datasheet HTML 185Page - ATMEL Corporation AT90SCR100 Datasheet HTML 186Page - ATMEL Corporation AT90SCR100 Datasheet HTML 187Page - ATMEL Corporation AT90SCR100 Datasheet HTML 188Page - ATMEL Corporation AT90SCR100 Datasheet HTML 189Page - ATMEL Corporation AT90SCR100 Datasheet HTML 190Page - ATMEL Corporation AT90SCR100 Datasheet HTML 191Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 433 page
background image
187
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 15-11.
SCIB Interrupt Sources
This signal is high level active. Each of the sources is able to activate the SCIB interruption
which is cleared by software by clearing the corresponding bits in the Smart Card Interrupt
register.
If another interrupt occurs during the read of the Smart Card Interrupt register, the activation of
the corresponding bit in the Smart Card Interrupt register and the new SCIB interruption is
delayed until the interrupt register is read by the microcontroller.
15.6
Additional Features
15.6.1
Clock
The clkSCI input must be in the range 1 - 5 MHz according to ISO 7816.
The clkSCI can be programmed up to 12 MHz. In this case, the timing specification of the output
buffer will not be ISO 7816 compliant.
Please refer to section “Clock System” on page 31 for the description of the input clock.
The dividers values are designed to access most common frequencies of ISO7816 norm. See
section “SCICLK - Smart Card Clock Register” on page 199, for the clock frequency available in
output of the Smart Card interface.
15.6.2
Card Presence Input
The CPRES input can generate an interrupt. To do so, global interrupt must be enabled and
SCIER.CARDINE must be set. The CPRES interrupt is generated by an event on CPRES (i.e. a
high or low edge depending on the setting of SCICR.CARDDET).
Each bit of the SCIIR register is irrelevant while the corresponding interruption is
disabled in SCIER register. When the interruption mode is not used, the bits of the
SCISR register must be used instead of the bits of the SCIIR register.
ESCTI
SCTI
Transmission
complete
ESCRI
SCRI
SCIB
Interrupt
Reception
complete
ESCPI
SCPI
Parity error
detected
ESCWTI
SCWTI
Timer on
WT counter
EVCARDER
VCARDERR
Output voltage
out of range
ESCTBI
SCTBI
Transmit buffer
copied to shift register
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com