Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 191 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 191 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 187Page - ATMEL Corporation AT90SCR100 Datasheet HTML 188Page - ATMEL Corporation AT90SCR100 Datasheet HTML 189Page - ATMEL Corporation AT90SCR100 Datasheet HTML 190Page - ATMEL Corporation AT90SCR100 Datasheet HTML 191Page - ATMEL Corporation AT90SCR100 Datasheet HTML 192Page - ATMEL Corporation AT90SCR100 Datasheet HTML 193Page - ATMEL Corporation AT90SCR100 Datasheet HTML 194Page - ATMEL Corporation AT90SCR100 Datasheet HTML 195Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 433 page
background image
191
TPR0327AY–SMS–30Jan09
AT90SCR100
Set this bit to indicate the card presence detector is closed when no card is inserted (CPRES is
low and will go high when a card is inserted).
• Bit 5..4 – VCARD[1..0]: Card Voltage Selection
• Bit 3 – UART: Card UART Selection
Clear this bit to use the CARDIO bit to drive the Card I/O (CIO) pin.
Set this bit to use the Smart Card UART to drive the Card I/O (CIO) pin.
Controls also the Waiting Time Counter as described in “Waiting Time (WT) Counter” on page
183
• Bit 2 – WTEN: Waiting Time Counter Enable
Clear this bit to stop the counter and enable the load of the Waiting Time counter hold registers.
The hold registers are loaded with SCWT0, SCWT1, SCWT2, SCWT3 values when SCWT2 is
written.
Set this bit to start the Waiting Time Counter. The counters stop when it reaches the timeout
value.
If the UART bit is set, the Waiting Time Counter automatically reloads with the hold registers
whenever a start bit is sent or received.
• Bit 1 – CREP: Character Repetition
Clear this bit to disable parity error detection and indication on the Card I/O pin in receive mode
and to disable character repetition in transmit mode.
Set this bit to enable parity error indication on the Card I/O pin in receive mode and to set auto-
matic character repetition when a parity error is indicated in transmit mode.
Switching the value of CARDDET parameter can generate interruption if
SCIER.CARDINIE is set.
SCIER.CARDINIE must be set only when CARDDET bit is correctly configured.
Table 15-1.
Card Voltage Selection
VCARD1
VCARD0
CVcc
00
1.8V
01
10
3.0V
11
5.0V
The DCDC peripheral must be ON and the SCCON.CARDVCC bit must be high to
generate the programmed card voltage.
Changing VCARD while DC/DC is workding and CVcc is already ON could gener-
ate unexpected behavior. Please power_off the CVcc, and take care DC/DC is not
busy before changing these bits and reapplying new voltage.
See Figure 16-2 on page 203.
Caution
!
Note
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com