Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 194 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 194 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 190Page - ATMEL Corporation AT90SCR100 Datasheet HTML 191Page - ATMEL Corporation AT90SCR100 Datasheet HTML 192Page - ATMEL Corporation AT90SCR100 Datasheet HTML 193Page - ATMEL Corporation AT90SCR100 Datasheet HTML 194Page - ATMEL Corporation AT90SCR100 Datasheet HTML 195Page - ATMEL Corporation AT90SCR100 Datasheet HTML 196Page - ATMEL Corporation AT90SCR100 Datasheet HTML 197Page - ATMEL Corporation AT90SCR100 Datasheet HTML 198Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 433 page
background image
194
TPR0327AY–SMS–30Jan09
AT90SCR100
This bit is cleared by hardware if there is no card presence.
If global interrupts are activated and SCIER.CARDINE is set (one), and Card Presence goes
high, an interrupt is generated. See “Card Presence Input” on page 187.
• Bit 5 – Res: Reserved Bit
This bit is reserved and will always be read as ‘0’.
• Bit 4 – VCARDOK: Card Voltage Correct Status
This bit is set when the output voltage is within the voltage range specified by VCARD[1:0] in
SCICR register.
It is cleared otherwise.
• Bit 3 – SCWTO: Waiting Time Counter Timeout Status
This bit is set by hardware when the Waiting Time Counter has expired.
It is cleared by reloading the counter or by reseting the SCIB.
• Bit 2 – SCTC: UART Transmitted Character Status
This bit is set by hardware when the Smart Card UART has transmitted a character.
If character repetition mode is selected, this bit will be set only after a successful transmission. If
the last allowed repetition is not successful, this bit will not be set.
This bit must be cleared by software.
• Bit 1 – SCRC: UART Received Character Status
This bit is set by hardware when the Smart Card UART has received a character.
This bit must be cleared by software.
If character repetition mode is selected, this bit will be set only after a successful reception. If the
last allowed repetition is still unsuccessful, this bit will be set to let the user read the erroneous
value if necessary.
• Bit 0 – SCPE: Character Reception Parity Error Status
This bit is set when a parity error is detected on the received character.
This bit must be cleared by software.
If character repetition mode is selected, this bit will be set only if the ICC report an error on the
last allowed repetition of a TERMINAL transmission, or if a reception parity error is found on the
last allowed ICC character repetition.
To modify the bits CARDC8, CARDC4, CARDIO, CARDCLK and CARDRST in
register SCCON, the bit VCAROK must be equal to 1.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com