Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 192 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 192 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 188Page - ATMEL Corporation AT90SCR100 Datasheet HTML 189Page - ATMEL Corporation AT90SCR100 Datasheet HTML 190Page - ATMEL Corporation AT90SCR100 Datasheet HTML 191Page - ATMEL Corporation AT90SCR100 Datasheet HTML 192Page - ATMEL Corporation AT90SCR100 Datasheet HTML 193Page - ATMEL Corporation AT90SCR100 Datasheet HTML 194Page - ATMEL Corporation AT90SCR100 Datasheet HTML 195Page - ATMEL Corporation AT90SCR100 Datasheet HTML 196Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 433 page
background image
192
TPR0327AY–SMS–30Jan09
AT90SCR100
Depending upon CREPSET bit is SCSR register, the receiver can indicate parity error up to
4times (3 repetitions) or up to 5times (4 repetitions) after which it will raise the parity error bit
SCPE bit in the SCISR register. If parity interrupt is enabled, the SCPI bit in SCIIR register will
be set too.
Alternately, the transmitter will detect ICC character repetition request. After 3 or 4 unsuccessful
repetitions (depending on CREPSEL bit in SCSR register), the transmitter will raise the parity
error bit SCPE bit in the SCISR register. If parity interrupt is enabled, the SCPI bit in SCIIR reg-
ister will be set too.
• Bit 0 – CONV: ISO Convention
Clear this bit to use the direct convention: b0 bit (LSB) is sent first, the parity bit is added after b7
bit and a low level on the Card I/O pin represents a’0’.
Set this bit to use the inverse convention: b7 bit (LSB) is sent first, the parity bit is added after b0
bit and a low level on the Card I/O pin represents a’1’.
15.7.2
SCCON - Smart Card Contacts Register
• Bit 7 – CLK: Card Clock Selection
Clear this bit to use the SCCON.CARDCLK bit to drive Card CLK pin.
Set this bit to use clkSCI signal to drive the Card CLK pin
• Bit 6 – Reserved Bit
This bit is reserved for future use.
• Bit 5 – CARDC8: Card C8
Clear this bit to drive a low level on the Card C8 pin (CC8 pin).
Set this bit to set a high level on the Card C8 pin (CC8 pin).
The CC8 pin can be used as a pseudo bi-directional I/O when this bit is set.
VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of CC8 pin.
• Bit 4 – CARDC4: Card C4
Clear this bit to drive a low level on the Card C4 pin (CC4 pin).
Set this bit to set a high level on the Card C4 pin (CC4 pin).
Character repetition mode is specified for T=0 protocol only and should not be
used in T=1 protocol (block oriented protocol)
Note
Bit
7
6
5
4
3
2
1
0
$0000FE
CLK
-
CARDC8
CARDC4
CARDIO CARDCLK CARDRST CARDVCC
SCCON
Read/write
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
Internal synchronization avoids glitches on the CLK pin when switching this bit.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com