Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 193 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 193 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 189Page - ATMEL Corporation AT90SCR100 Datasheet HTML 190Page - ATMEL Corporation AT90SCR100 Datasheet HTML 191Page - ATMEL Corporation AT90SCR100 Datasheet HTML 192Page - ATMEL Corporation AT90SCR100 Datasheet HTML 193Page - ATMEL Corporation AT90SCR100 Datasheet HTML 194Page - ATMEL Corporation AT90SCR100 Datasheet HTML 195Page - ATMEL Corporation AT90SCR100 Datasheet HTML 196Page - ATMEL Corporation AT90SCR100 Datasheet HTML 197Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 433 page
background image
193
TPR0327AY–SMS–30Jan09
AT90SCR100
The CC4 pin can be used as a pseudo bi-directional I/O when this bit is set.
VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of CC4 pin
.
• Bit 3 – CARDIO: Card I/O
If UART bit is cleared in SCICR register, this bit enables the use of the Card IO pin (CIO pin) as
a standard bi-directional port :
• To read from CIO port pin : set CARDIO bit then read CARDIO bit to have the CIO port value
• To write in CIO port pin : set CARDIO bit to write a 1 in CIO port pin , clear CARDIO bit to
write a 0 in CIO port pin.
VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of CIO pin
• Bit 2 – CARDCLK: Card CLK
When the CLK bit is cleared in SCCON Register, the value of this bit is driven to the Card CLK
pin.
VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of Card CLK pin.
• Bit 1 – CARDRST: Card RST
Clear this bit to drive a low level on the Card RST pin.
Set this bit to set a high level on the Card RST pin.
VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of Card RST pin.
• Bit 0 – CARDVCC: Card Vcc Control
Clear this bit to deactivate the Card interface and set its power-off. The other bits of SCCON reg-
ister have no effect while this bit is cleared.
Set this bit to power-on the Card interface. The activation sequence should be handled by
software.
15.7.3
SCISR - Smart Card UART Interface Status Register
• Bit 7 – SCTBE: UART Transmit Buffer Empty Status
This bit is set by hardware when the Transmit Buffer is copied to the transmit shift register of the
Smart Card UART.
It is cleared by hardware when SCIBUF register is written.
• Bit 6 – CARDIN: Card Presence Status
This bit is set by hardware if there is a card presence (debouncing filter has to be done by
software).
Bit
7
6
5
4
3
2
1
0
$0000FD
SCTBE
CARDIN
-
VCARDOK
SCWTO
SCTC
SCRC
SCPE
SCISR
Read/write
R
R
R
R
R
R/W
R/W
R/W
Initial value
1
0
0
0
0
0
0
0
0x80
This bit can only be used if the Guardtime parameter is lesser or equal to 11etu.
The meaning of this bit if guardtime is higher than 11etu is not reliable; In this
case, using SCTC is mandatory.
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com