Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 197 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 197 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 193Page - ATMEL Corporation AT90SCR100 Datasheet HTML 194Page - ATMEL Corporation AT90SCR100 Datasheet HTML 195Page - ATMEL Corporation AT90SCR100 Datasheet HTML 196Page - ATMEL Corporation AT90SCR100 Datasheet HTML 197Page - ATMEL Corporation AT90SCR100 Datasheet HTML 198Page - ATMEL Corporation AT90SCR100 Datasheet HTML 199Page - ATMEL Corporation AT90SCR100 Datasheet HTML 200Page - ATMEL Corporation AT90SCR100 Datasheet HTML 201Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 433 page
background image
197
TPR0327AY–SMS–30Jan09
AT90SCR100
This bit is reserved for future use.
• Bit 6 – BGTEN: Block Guard Time Enable
Set this bit to select the minimum interval between the leading edge of the start bits of the last
character received from the ICC and the first character sent by the Terminal. The transfer of
GT[8-0] value to the BGT counter is done on the rising edge of the BGTEN.
Clear this bit to suppress the minimum time between reception and transmission.
• Bit 5 – Reserved Bit
This bit is reserved for future use.
• Bit 4 – CREPSEL: Character Repetition Selection
Clear this bit to select 5 times transmission (1 original + 4 repetitions) before parity error indica-
tion (conform to EMV).
Set this bit to select 4 times transmission (1 original + 3 repetitions) before parity error indication.
• Bit 3 – CPRESRES: Card Presence Pull-up Resistor
Clear this bit to connect the internal 100K Pull-up on CPRES pin.
Set this bit to disconnect the internal pull-up from this pin.
• Bit 2..0 – Reserved Bits
These bits are reserved for future use. Writing these reserved bits can have side effects. Take
care of not writing them.
15.7.7
SCIBUF - Smart Card Transmit/Receive Buffer
• Bit 7..0 – SCIBUFD7..0: Smart Card Transmit/Receive Buffer
A new byte can be written in the buffer to be transmitted on the I/O pin when SCTBE bit is set.
The bits are sorted and copied on the I/O pin according to the active convention.
A new byte received from I/O pin is ready to be read when SCRI bit is set. The bits are sorted
according to the active convention.
Bit
7
6
5
4
3
2
1
0
$0000F9
SCIBUFD [7..0]
SCIBUF
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com