Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 198 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 198 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 194Page - ATMEL Corporation AT90SCR100 Datasheet HTML 195Page - ATMEL Corporation AT90SCR100 Datasheet HTML 196Page - ATMEL Corporation AT90SCR100 Datasheet HTML 197Page - ATMEL Corporation AT90SCR100 Datasheet HTML 198Page - ATMEL Corporation AT90SCR100 Datasheet HTML 199Page - ATMEL Corporation AT90SCR100 Datasheet HTML 200Page - ATMEL Corporation AT90SCR100 Datasheet HTML 201Page - ATMEL Corporation AT90SCR100 Datasheet HTML 202Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 433 page
background image
198
TPR0327AY–SMS–30Jan09
AT90SCR100
15.7.8
SCETU - Smart Card ETU Register
• Bit 15 – COMP: Compensation
Clear this bit when no time compensation is needed (i.e. when the ETU to Card CLK period ratio
is close to an integer with an error less than 1/4 of Card CLK period).
Set this bit otherwise and reduce the ETU period by 1 Card CLK cycle for even bits.
• Bit 14..11 – Reserved Bits
These bits are reserved for future use.
• Bit 10..0 – ETU: ETU Value
The Elementary Time Unit is (ETU[10:0] - 0.5*COMP)/f, where f is the Card CLK frequency.
According to ISO 7816, ETU[10:0] can be set between 11 and 2048.
The default reset value of ETU[10:0] is 372 (F=372, D=1).
15.7.9
SCGT - Smart Card Guard Time Register
• Bit 15..9 – Reserved Bits
These bits are reserved for future use.
Bit
15
141312
11
10
9
8
$0000F8
COMP
----
ETU [10..8]
SCETUH
$0000F7
ETU [7..0]
SCETUL
Bit
7
6543
2
1
0
Read/write
R/W
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
1
0x01
0
1110
1
0
0
0x74
The ETU counter is reloaded at each register’s write operation.
Do not change this register during character reception or transmission or while
Guard Time or Waiting Time Counters are running.
Note
Caution
!
Bit
15
141312
11
10
9
8
$0000F6
-----
-
-
GT8
SCGTH
$0000F5
GT [7..0]
SCGTL
Bit
7
6543
2
1
0
Read/write
RRRR
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
0
0001
1
0
0
0x0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com