Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 201 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 201 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 197Page - ATMEL Corporation AT90SCR100 Datasheet HTML 198Page - ATMEL Corporation AT90SCR100 Datasheet HTML 199Page - ATMEL Corporation AT90SCR100 Datasheet HTML 200Page - ATMEL Corporation AT90SCR100 Datasheet HTML 201Page - ATMEL Corporation AT90SCR100 Datasheet HTML 202Page - ATMEL Corporation AT90SCR100 Datasheet HTML 203Page - ATMEL Corporation AT90SCR100 Datasheet HTML 204Page - ATMEL Corporation AT90SCR100 Datasheet HTML 205Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 433 page
background image
201
TPR0327AY–SMS–30Jan09
AT90SCR100
16. DC/DC Converter
16.1
Overview
The AT90SCR100 embeds a DC/DC converter to generate voltage to supply any kind of
ISO7816 Smart Card, and to generate the VBUS voltage for USB Smart Cards.
This peripheral is also controlled by “Smart Card Interface Block (SCIB)” .
16.2
Features
• Operating Voltages : 2.7 - 5.5 V
• Programmable Ouput Voltages : 1.8V, 3V or 5V
• Automatic deactivation sequence when switched off
16.3
Description
The Smart Card voltage (CVcc) is supplied by the integrated DC/DC converter which is con-
trolled by several registers:
• The DCCR register controls the start-up, shutdown of DC/DC peripheral. See “DCCR -
DC/DC Converter Register” on page 203.
• The SCICR register controls the CVcc level by means of VCARD[1..0] bits. See “SCICR -
Smart Card Interface Control Register” on page 190.
• The SCCON register controls the generation of by means of CARDVCC bit. See “SCCON -
Smart Card Contacts Register” on page 192.
The CVcc cannot be generated while the CPRES pin remains inactive. If CPRES pin becomes
inactive while the DC/DC converter is operating, an automatic power_off sequence of the
DC/DC converter is initiated by the internal logic.
16.3.1
Initialization Procedure
To generate a specific voltage on CVcc, please follow at the following diagram:
It is mandatory to switch off the DC/DC Converter before entering in Power-down
mode, by clearing DCCR.DCON.
Note
To generate a VBUS voltage to supply a USB Smart Card, the below process is
mandatory, with SCICR.VCARD = b11, to generate 5V.
The 3.3V of CC4/CC8 will be generate using a specific regulator.
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com