Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 205 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 205 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 201Page - ATMEL Corporation AT90SCR100 Datasheet HTML 202Page - ATMEL Corporation AT90SCR100 Datasheet HTML 203Page - ATMEL Corporation AT90SCR100 Datasheet HTML 204Page - ATMEL Corporation AT90SCR100 Datasheet HTML 205Page - ATMEL Corporation AT90SCR100 Datasheet HTML 206Page - ATMEL Corporation AT90SCR100 Datasheet HTML 207Page - ATMEL Corporation AT90SCR100 Datasheet HTML 208Page - ATMEL Corporation AT90SCR100 Datasheet HTML 209Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 433 page
background image
205
TPR0327AY–SMS–30Jan09
AT90SCR100
17. USB Host Controller
The USB Smart Card Interface provides an efficient way to communicate to USB with smart
cards. AT90SCR100 embeds a USB Host Controller designed to communicate with USB smart
card the same way as another USB Host system, in addition to a USB Host Smart Card Inter-
face, with some limitations.
17.1
Features
• USB 2.0 Full Speed Peripheral with Host functions (low-speed compatbible)
• Single Device Connection
– Device load: up to 60mA
• Supports USB2.0 Electrical Conditions
• Possibility to adapt USB IC Electrical Conditions
• Handle Suspend/Resume Requests
• 168 bytes of DPRAM
• 4 Pipes, configured in the DPRAM
17.2
USB Host Smart Card Interface Description
The AT90SCR100 USB Host Interface is dedicated to USB Smart Card connection. As a conse-
quence, only D+/D- are controlled by this block and must be connected to C4 and C8 pads of the
Smart Card Interface pads (see Smart Card Port in section “Pin List Configuration” ).
The USB Host Controller needs a 48Mhz clock. To do so, it needs the PLL running and PLL Mul-
tiplexer switched to clkPLL. See “Clock System” on page 31.
Finally, to be compliant with any type of USB Smart Card, the USB Host smart card interface
supports 2 different pads set: Standard USB 2.0 pads (with 15K
Ω pull-down) and USB-IC pads
(Standard IO). For USB-IC requirements, please see section “USB-IC Design” on page 206.
Please refer to USB norm and documentation to get information on these two standards.
Finally, the AT90SCR100 can generate a VBUS 5V using the internal DC/DC. See “DC/DC Con-
verter” on page 201. But the card consumption will be limited, in this case, to the capabilities of
DC/DC converter. Anyway, the card may also be supplied by external supply voltage with more
capabilities.
The USB serial resistors are not included inside USB Smart Card Interface
hardware.
To be fully USB compliant, 2 externals serial resistors of 22
Ω must be placed on
D+ and D-.
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com