Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 207 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 207 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 203Page - ATMEL Corporation AT90SCR100 Datasheet HTML 204Page - ATMEL Corporation AT90SCR100 Datasheet HTML 205Page - ATMEL Corporation AT90SCR100 Datasheet HTML 206Page - ATMEL Corporation AT90SCR100 Datasheet HTML 207Page - ATMEL Corporation AT90SCR100 Datasheet HTML 208Page - ATMEL Corporation AT90SCR100 Datasheet HTML 209Page - ATMEL Corporation AT90SCR100 Datasheet HTML 210Page - ATMEL Corporation AT90SCR100 Datasheet HTML 211Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 433 page
background image
207
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 17-2.
USB-IC Design Recommendations
17.4
Memory Management
The controller does only support the following memory allocation management:
The reservation of a Pipe can only be made in the growing order (Pipe 0 to the last Pipe). The
firmware shall thus configure them in the same order.
The reservation of a Pipe “ki” is done when its ALLOC bit is set. Then, the hardware allocates
the memory and insert it between the Pipe “ki-1” and “ki+1”. The “ki+1” Pipe memory “slides” up
and its data is lost. Note that the “ki+2” and upper Pipe memory does not slide.
Clearing a Pipe enable (PEN) does not clear neither its ALLOC bit, nor its configuration (PSIZE,
PBK). To free its memory, the firmware should clear ALLOC. Then, the “ki+1” Pipe memory auto-
matically “slides” down. Note that the “ki+2” and upper Pipe memory does not slide.
The following figure illustrates the allocation and reorganization of the USB memory in a typical
example:
AT90SCR100
CC4
CC8
D+
D-
30K
Ω < RPDH < 150KΩ
RPDH
RPDH
Bidirectional
Commutator
GPIO
Can be any
control pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com