Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 211 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 211 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 207Page - ATMEL Corporation AT90SCR100 Datasheet HTML 208Page - ATMEL Corporation AT90SCR100 Datasheet HTML 209Page - ATMEL Corporation AT90SCR100 Datasheet HTML 210Page - ATMEL Corporation AT90SCR100 Datasheet HTML 211Page - ATMEL Corporation AT90SCR100 Datasheet HTML 212Page - ATMEL Corporation AT90SCR100 Datasheet HTML 213Page - ATMEL Corporation AT90SCR100 Datasheet HTML 214Page - ATMEL Corporation AT90SCR100 Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 433 page
background image
211
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 17-6.
Pipe activation flow:
Once the Pipe is activated (UPCRX.PEN set), the hardware is ready to send requests to the
Device.
When configured (UPSTAX.CFGOK=1), only the Pipe Token (UPCFG0X.PTOKEN) and the
polling interval for Interrupt pipe can be modified.
There are 4 pipes to configure. A Control type pipe supports only 1 bank (or data bank). Any
other value will lead to a configuration error (UPSTAX.CFGOK=0).
To guarantee a correct operation of the USB Host Controller:
• The pipe 0 size must not be greater than 32 bytes.
• The pipe 1 size must not be greater than 64 bytes.
• The pipe 2 size must not be greater than 64 bytes.
• The pipe 3 size must not be greater than 8 bytes.
Pipe Activation
Pipe activated
and freezed
ERROR
UPCRX.PEN=1
Update UPCFG2X
.INTFRQ
(interrupt only)
Update: UPCFG0X
.PTYPE
.PTOKEN
.PEPNUM
Configure the polling interval for
interrupt pipe
UPNUM.PNUM=X
Select the pipe to configure
Select the pipe type:
Configure the Pipe memory:
- Type (Control, Isochronous, Bulk, I
- Token (IN, OUT, SETUP)
- Endpoint Number
Update: UPCFG1X
.PSIZE
.PBK
.CFGMEM
- Pipesize
- Number Of Banks
UPSTAX.CFGOK=1
?
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com