Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 212 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 212 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 208Page - ATMEL Corporation AT90SCR100 Datasheet HTML 209Page - ATMEL Corporation AT90SCR100 Datasheet HTML 210Page - ATMEL Corporation AT90SCR100 Datasheet HTML 211Page - ATMEL Corporation AT90SCR100 Datasheet HTML 212Page - ATMEL Corporation AT90SCR100 Datasheet HTML 213Page - ATMEL Corporation AT90SCR100 Datasheet HTML 214Page - ATMEL Corporation AT90SCR100 Datasheet HTML 215Page - ATMEL Corporation AT90SCR100 Datasheet HTML 216Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 433 page
background image
212
TPR0327AY–SMS–30Jan09
AT90SCR100
A clear of UPCRX.PEN will reset the configuration of the Pipe. All the corresponding Pipe regis-
ters are reset to there reset values. Please refer to “Memory Management” section for more
details.
17.5.6
USB Reset
The USB controller sends a USB Reset when the firmware set the UHCR.RESET bit. The
UHINT.RSTI bit is set by hardware when the USB Reset has been sent. This triggers an inter-
rupt if the UHIEN.RSTE has been set.
When a USB Reset has been sent, all the Pipe configuration and the memory allocation are
reset. The General Host interrupt enable register is left unchanged.
If the bus was previously in suspend mode (UHCR.SOFEN = 0), the USB controller automati-
cally switches to the resume mode (UHINT.HWUPI is set) and the UHCR.SOFEN bit is set by
hardware in order to generate SOF immediately after the USB Reset.
17.5.7
Address Setup
Once the Device has answer to the first Host requests with the default address (0), the Host
assigns a new address to the device. The Host controller has to send a USB reset to the device
and perform a SET ADDRESS control request, with the new address to be used by the Device.
This control request ended, the firmware writes the new address into the UHADDR register. All
following requests, on every Pipes, will be performed using this new address.
When the Host controller sends a USB reset, the UHADDR register is reset by hardware and the
following Host requests will be performed using the default address (0).
17.5.8
Remote Wake-Up detection
The Host Controller enters in Suspend mode when clearing the UHCR.SOFEN bit. No more
Start Of Frame is sent on the USB bus and the USB Device enters in Suspend mode 3ms later.
The Device awakes the Host Controller by sending an Upstream Resume (Remote Wake-Up
feature). The Host Controller detects a non-idle state on the USB bus and set the UHINT.HWUPI
bit. If the non-Idle correspond to an Upstream Resume (K state), the UHINT.RXRSMI bit is set
by hardware. The firmware has to generate a downstream resume within 1ms and for at least
20ms by setting the UHCR.RESUME bit.
To initialize the communication with the USB device, the firmware has to configure
the Default Control Pipe with the following parameters:
• Type: Control
• Token: SETUP
• Data Bank:1
• Size: 64 Bytes
The firmware will ask for 8 bytes of the Device Descriptor sending a
GET_DESCRIPTOR request. These bytes contains the MaxPacketSize of the
Device default control endpoint and the firmware will then re-configure the size of
the Default Control Pipe with this size parameter.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com