Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 209 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 209 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 205Page - ATMEL Corporation AT90SCR100 Datasheet HTML 206Page - ATMEL Corporation AT90SCR100 Datasheet HTML 207Page - ATMEL Corporation AT90SCR100 Datasheet HTML 208Page - ATMEL Corporation AT90SCR100 Datasheet HTML 209Page - ATMEL Corporation AT90SCR100 Datasheet HTML 210Page - ATMEL Corporation AT90SCR100 Datasheet HTML 211Page - ATMEL Corporation AT90SCR100 Datasheet HTML 212Page - ATMEL Corporation AT90SCR100 Datasheet HTML 213Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 433 page
background image
209
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 17-4.
Pipes and Endpoints in a USB system
In the USB Host controller, a Pipe will be associated to a Device Endpoint, considering the
Device Configuration Descriptors.
17.5.2
Power-on and Reset
The next diagram explains the USB host controller main states on power-on:
Figure 17-5.
USB SCI states after reset
USB Host controller state after an hardware reset is ‘Reset’. When the USB Host controller is
enabled, the USB controller is in ‘Idle’ state. In this state, the USB Host controller waits for the
Device connection, with a minimum power consumption. The USB Pad should be in Idle
mode. The macro does not need to have the PLL activated to enter in ‘Host Ready’ state.
The Host controller enters in Suspend state when the USB bus is in Suspend state, i.e. when the
Host controller doesn’t generate the Start of Frame. In this state, the USB consumption is mini-
mum. The Host controller exits to the Suspend state when starting to generate the SOF over the
USB line.
<Any
other
State>
Host
Ready
Host
Idle
UHCR.SOFEN=1
UHCR.SOFEN=0
Device
Connection
Clock stopped
Macro off
Device
Disconnection
Device
Disconnection
Host
Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com