Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 206 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 206 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 202Page - ATMEL Corporation AT90SCR100 Datasheet HTML 203Page - ATMEL Corporation AT90SCR100 Datasheet HTML 204Page - ATMEL Corporation AT90SCR100 Datasheet HTML 205Page - ATMEL Corporation AT90SCR100 Datasheet HTML 206Page - ATMEL Corporation AT90SCR100 Datasheet HTML 207Page - ATMEL Corporation AT90SCR100 Datasheet HTML 208Page - ATMEL Corporation AT90SCR100 Datasheet HTML 209Page - ATMEL Corporation AT90SCR100 Datasheet HTML 210Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 433 page
background image
206
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 17-1.
USB Smart Card Interface Block Diagram
17.3
USB-IC Design
Regarding the USB-IC specifications, the AT90SCR100 pads are not exactly compliant, as they
do not include pull-down resistors of 30-150 K
Ω.
Designing a specific USB-IC system will thus require to connect 2 pull-down resistors on CC4
and CC8 pins.
Another external component will also be mandatory, to control the attachement of these pull-
down resistors, as described in the USB-IC specifications. That is why this design will require the
use of another pin to control a commutator that will attach the pull-down resistors or not.
Please refer to the USB-IC specification for details about the need of control.
TBD: references of components to achieve such functionnalities.
Logical D+
Logical D-
USB Smart Card
Interface
CPU
Internal Vcc
(SRAM)
USB Host
Controller
UHCR.PAD
CC4
CC8
= '01'
= '01'
UHCR.UHEN=1
SCIB
Controller
USB-IC Pad
UHCR.PAD
UHCR.UHEN=1
D+
D-
D+
CC4
CC4
CC8
CC8
D-
15K
15K
= '00'
= '00'
USB 2.0
clk
USB
On-Chip USB DPRAM
Pipe 0
168 Bytes
Pipe 1
Pipe 2
Pipe 3
USB Regulator
DC/DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com