Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 203 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 203 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 199Page - ATMEL Corporation AT90SCR100 Datasheet HTML 200Page - ATMEL Corporation AT90SCR100 Datasheet HTML 201Page - ATMEL Corporation AT90SCR100 Datasheet HTML 202Page - ATMEL Corporation AT90SCR100 Datasheet HTML 203Page - ATMEL Corporation AT90SCR100 Datasheet HTML 204Page - ATMEL Corporation AT90SCR100 Datasheet HTML 205Page - ATMEL Corporation AT90SCR100 Datasheet HTML 206Page - ATMEL Corporation AT90SCR100 Datasheet HTML 207Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 433 page
background image
203
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 16-2.
DC/DC State Machine
16.5
DC/DC Registers
16.5.1
DCCR - DC/DC Converter Register
• Bit 7 – DCON : DC/DC ON bit
Set (one) this bit to start the DC/DC up. The DC/DC must be started before trying to generate a
Card Vcc using Smart Card Interface.
DCCR.DCRDY bit will inform you when the DCDC is ready to use.
Clear (zero) this bit to shut the DC/DC down.
• Bit 6 – DCRDY : DC/DC Ready bit
This bit is cleared and set by hardware.
After having started the DC/DC using DCCR.DCON, this bit indicates when the DC/DC is ready
to be used.
This bit is cleared when the DC/DC is off.
• Bit 5 – DCBUSY : DC/DC Busy bit
This bit is cleared and set by hardware.
This bit is set when the DC/DC is loaded and running. This means that it is advised to wait for its
reset before changing parameters of DC/DC, shutting DC/DC down etc... See Figure 16-2 on
page 203.
Bit
7
6
5
4
321
0
$0000EF
DCON
DCRDY
DCBUSY
-
-
-
-
-
DCCR
Read/write
R/W
R
R
R
R
R
R
R
Initial value
0
0
0
0
0
0
0
0
0x00
Internal_Supply
DCCR.RDY
DCCR.BUSY
CVcc Signal
DCCR.DCON
= 1
DCCR.DRDY
Modification of
SCICR.VCARD
OK
Shutdown
procedure
SCCON.CARDVCC
= 1
(*): This timing depends on SCICR.VCARD configuration but is, at least, 20μs
SCCON.CARDVCC
= 0
DCCR.DCON
= 0
DCCR.BUSY
~200μs
>20μs
(*)
SCCON.CARDVCC
= 1
>20μs
(*)
SCCON.CARDVCC
= 0
DCCR.BUSY
Modification of
SCICR.VCARD
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com