Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 208 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 208 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 204Page - ATMEL Corporation AT90SCR100 Datasheet HTML 205Page - ATMEL Corporation AT90SCR100 Datasheet HTML 206Page - ATMEL Corporation AT90SCR100 Datasheet HTML 207Page - ATMEL Corporation AT90SCR100 Datasheet HTML 208Page - ATMEL Corporation AT90SCR100 Datasheet HTML 209Page - ATMEL Corporation AT90SCR100 Datasheet HTML 210Page - ATMEL Corporation AT90SCR100 Datasheet HTML 211Page - ATMEL Corporation AT90SCR100 Datasheet HTML 212Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 433 page
background image
208
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 17-3.
USB Smart Card Interface Block Diagram
• First, Pipe 0 to Pipe 3 are configured, in the growing order. The memory of each is reserved
in the DPRAM.
• Then, the Pipe 1 is disabled (EPEN=0), but its memory reservation is internally kept by the
controller.
• Its ALLOC bit is cleared: the Pipe 2 “slides” down, but the Pipe 3 does not “slide”.
• Finally, if the firmware chooses to reconfigure the Pipe 1 with a bigger size. The controller
reserved the memory after the Pipe 0 memory and automatically “slide” the Pipe 2. The Pipe
3 does not move and a memory conflict appears, in that both Pipe 2 and 3 use a common
area. The data of those pipes are potentially lost.
17.5
USB Host Controller Description
17.5.1
Pipe description
For the USB Host controller, the term of Pipe is used instead of Endpoint for the USB Device
controller. A Host Pipe corresponds to a Device Endpoint, as described in the USB specification:
0
1
2
3
Free
Pipe
Activation
PEN=1
ALLOC=1
Pipe
Activation
Pipe
Disable
Free its memory
(ALLOC=0)
0
PEN=0
(ALLOC=1)
LOST MEMORY
2
3
Free
0
2
3
Free
0
1 (bigger size)
2
3
Free
Conflict
• The data of Pipe/Endpoint 0 are never lost whatever the activation or
deactivation of the higher Pipe. Its data is lost if it is deactivated.
• Deactivate and reactivate the same Pipe with the same parameters does not
lead to a “slide” of the higher endpoints. For those endpoints, the data are
preserved.
• CFGOK is set by hardware even in the case that there is a “conflict” in the
memory allocation.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com