Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 213 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 213 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 209Page - ATMEL Corporation AT90SCR100 Datasheet HTML 210Page - ATMEL Corporation AT90SCR100 Datasheet HTML 211Page - ATMEL Corporation AT90SCR100 Datasheet HTML 212Page - ATMEL Corporation AT90SCR100 Datasheet HTML 213Page - ATMEL Corporation AT90SCR100 Datasheet HTML 214Page - ATMEL Corporation AT90SCR100 Datasheet HTML 215Page - ATMEL Corporation AT90SCR100 Datasheet HTML 216Page - ATMEL Corporation AT90SCR100 Datasheet HTML 217Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 433 page
background image
213
TPR0327AY–SMS–30Jan09
AT90SCR100
Once the downstream Resume has been generated, the UHCR.SOFE bit is automatically set by
hardware in order to generate SOF immediately after the USB resume.
17.5.9
USB Pipe Reset
The firmware can reset a Pipe using the pipe reset register. The configuration of the pipe and
the data toggle remains unchanged. Only the bank management and the status bits are reset to
their initial values.
To completely reset a Pipe, the firmware has to disable and then enable the pipe.
17.5.10
Pipe Data Access
In order to read or to write into the Pipe Fifo, the CPU selects the Pipe number with the UPNUM
register and performs read or write action on the UPDATX register.
17.5.11
Control Pipe management
A Control transaction is composed of 3 phases:
•SETUP
• Data (IN or OUT)
• Status (OUT or IN)
The firmware has to change the Token for each phase.
The initial data toggle is set for the corresponding token (ONLY for Control Pipe):
• SETUP: Data0
• OUT: Data1
• IN: Data1 (expected data toggle)
17.5.12
OUT Pipe management
The Pipe must be configured and not frozen first.
17.5.12.1
“Manual” mode
The UPINTX.TXOUTI bit is set by hardware when the current bank becomes free. This triggers
an interrupt if the UPIENX.TXOUTE bit is set. The UPINTX.FIFOCON bit is set at the same time.
The CPU writes into the FIFO and clears the UPINTX.FIFOCON bit to allow the USB controller
to send the data.
If the OUT Pipe is composed of multiple banks, this also switches to the next data bank. The
UPINTX.TXOUTI and UPINTX.FIFOCON bits are automatically updated by hardware regarding
the status of the next bank.
Host
Ready
UHCR.SOFE=1
or UHINT.HWUPI=1
UHCR.SOFEN=0
Host
Suspend
If the firmware decides to switch to suspend mode (clear UHCR.SOFEN) even if a
bank is ready to be sent, the USB controller will automatically exit from Suspend
mode and the bank will be sent.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com