Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 217 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 217 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 213Page - ATMEL Corporation AT90SCR100 Datasheet HTML 214Page - ATMEL Corporation AT90SCR100 Datasheet HTML 215Page - ATMEL Corporation AT90SCR100 Datasheet HTML 216Page - ATMEL Corporation AT90SCR100 Datasheet HTML 217Page - ATMEL Corporation AT90SCR100 Datasheet HTML 218Page - ATMEL Corporation AT90SCR100 Datasheet HTML 219Page - ATMEL Corporation AT90SCR100 Datasheet HTML 220Page - ATMEL Corporation AT90SCR100 Datasheet HTML 221Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 433 page
background image
217
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 17-10.
USB Host Controller Pipe Interrupt System
17.6.1
Idle and Power-Down
The CPU exits from Idle and Power-Down mode with any USB Interrupts.
17.7
USB Host Controller Registers
17.7.1
UHCR - USB Host Control Register
• Bit 7 - UHEN : USB Host Enable
Set this bit to enable the USB Host Controller. This will connect CC4 and CC8 to USB Host block
output signals.
Clear this bit to disable USB Host controller and reconnect CC4 and CC8 pads to standard
SmartCard Interface Block pads.
• Bit 6..5 - PAD1..0 : Pad Type
These bits switch the D+/D- of the USB Host Controller outputs to specific pads as follow:
• 00 : Pad electrically compliant to USB 2.0 (USB Host pads)
• 01 : Pad electrically compliant to USB-IC (SCIB pads)
• Others : Reserved for future use
FLERRE
UPIEN.7
UNDERFI
UPSTAX.5
OVERFI
UPSTAX.6
NAKEDI
UPINTX.6
NAKEDE
UPIEN.6
PERRI
UPINTX.4
PERRE
UPIEN.4
TXSTPI
UPINTX.3
TXSTPE
UPIEN.3
TXOUTI
UPINTX.2
TXOUTE
UPIEN.2
RXSTALLI
UPINTX.1
RXSTALLE
UPIEN.1
RXINI
UPINTX.0
RXINE
UPIEN.0
FLERRE
UPIEN.7
PIPE 0
PIPE 1
PIPE 2
PIPE 3
USB Host
Pipe Interrupt
Bit
7
6
5
4321
0
$009E
UHEN
PAD [1..0]
FRZCLK
-
RESUME
RESET
SOFEN
UHCR
Read/write
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial value
0
0
0
1000
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com