Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 220 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 220 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 216Page - ATMEL Corporation AT90SCR100 Datasheet HTML 217Page - ATMEL Corporation AT90SCR100 Datasheet HTML 218Page - ATMEL Corporation AT90SCR100 Datasheet HTML 219Page - ATMEL Corporation AT90SCR100 Datasheet HTML 220Page - ATMEL Corporation AT90SCR100 Datasheet HTML 221Page - ATMEL Corporation AT90SCR100 Datasheet HTML 222Page - ATMEL Corporation AT90SCR100 Datasheet HTML 223Page - ATMEL Corporation AT90SCR100 Datasheet HTML 224Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 433 page
background image
220
TPR0327AY–SMS–30Jan09
AT90SCR100
17.7.4
UHIEN - USB Host Interrupt ENable Register
• Bit 7 - Res : Reserved Bit
This bit is reserved for future use. The value read from these bits is always 0. Do not set these
bits.
• Bit 6 - HWUPE : Host Wake-Up Interrupt Enable
Set this bit to enable HWUP interrupt.
Clear this bit to disable HWUP interrupt.
• Bit 5 - HSOFE : Host Start Of frame Interrupt Enable
Set this bit to enable HSOF interrupt.
Clear this bit to disable HSOF interrupt.
• Bit 4 - RXRSME : Upstream Resume Received Interrupt Enable
Set this bit to enable the RXRSMI interrupt.
Clear this bit to disable the RXRSMI interrupt.
• Bit 3 - RSMEDE : Downstream Resume Sent Interrupt Enable
Set this bit to enable the RSMEDI interrupt.
Clear this bit to disable the RSMEDI interrupt.
• Bit 2 - RSTE : USB Reset Sent Interrupt Enable
Set this bit to enable the RSTI interrupt.
Clear this bit to disable the RSTI interrupt.
• Bit 1 - DDISCE : Device Disconnection Interrupt Enable
Set this bit to enable the DDISCI interrupt.
Clear this bit to disable the DDISCI interrupt.
After having detected a disconnection, please reset the USB Host. See “Device Detection” on
page 210.
• Bit 0 - DCONNE : Device Connection Interrupt Enable
Set this bit to enable the DCONNI interrupt.
Clear this bit to disable the DCONNI interrupt.
Bit
7
65
43
2
1
0
$00A0
-
HWUPE
HSOFE
RXRSME RSMEDE
RSTE
DDISCE
DCONNE
UHIEN
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com