Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 224 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 224 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 220Page - ATMEL Corporation AT90SCR100 Datasheet HTML 221Page - ATMEL Corporation AT90SCR100 Datasheet HTML 222Page - ATMEL Corporation AT90SCR100 Datasheet HTML 223Page - ATMEL Corporation AT90SCR100 Datasheet HTML 224Page - ATMEL Corporation AT90SCR100 Datasheet HTML 225Page - ATMEL Corporation AT90SCR100 Datasheet HTML 226Page - ATMEL Corporation AT90SCR100 Datasheet HTML 227Page - ATMEL Corporation AT90SCR100 Datasheet HTML 228Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 433 page
background image
224
TPR0327AY–SMS–30Jan09
AT90SCR100
• Bits 5..4 - PTOKEN1..0 : Pipe Token
Select the Token to associate to the Pipe
• 00: SETUP
• 01: IN
• 10: OUT
• 11: reserved
• Bits 3..0 - PEPNUM3..0 : Pipe Endpoint Number
Set this field according to the Pipe configuration. Set the number of the Endpoint targeted by the
Pipe. This value is from 0 and 15.
17.7.12
UPCFG1X - USB Pipe Configuration Register 1 for Pipe X
Set UPNUM register to point to the relevant Pipe before updating the UPCFG1X register.
• Bit 7 - Res : Reserved
This bit is reserved. The value read from these bits is always 0. Do not set these bits.
• Bits 6..4 - PSIZE0..2 : Pipe Size
Select the size of the Pipe:
• 000: 8
• 001: 16
• 010: 32
•011: 64
• Other: Reserved
• Bits 3..2 - PBK0..1 : Pipe Bank
Select the number of banks to declare for the current pipe!
• 00: 1bank
• 01: 2banks
• Others: reserved
• Bit 1 - ALLOC : Configure Pipe Memory
Set to configure the pipe memory with the characteristics.
Clear to update the memory allocation. Refer to the “Memory Management” chapter for more
details.
• Bit 0 - Res : Reserved
This bit is reserved. The value read from these bits is always 0. Do not set these bits.
Bit
7
6
5
4
321
0
$00AB
-
PSIZE [0..2]
PBK [0..1]
ALLOC
UPCFG1X
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com