Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 227 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 227 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 223Page - ATMEL Corporation AT90SCR100 Datasheet HTML 224Page - ATMEL Corporation AT90SCR100 Datasheet HTML 225Page - ATMEL Corporation AT90SCR100 Datasheet HTML 226Page - ATMEL Corporation AT90SCR100 Datasheet HTML 227Page - ATMEL Corporation AT90SCR100 Datasheet HTML 228Page - ATMEL Corporation AT90SCR100 Datasheet HTML 229Page - ATMEL Corporation AT90SCR100 Datasheet HTML 230Page - ATMEL Corporation AT90SCR100 Datasheet HTML 231Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 433 page
background image
227
TPR0327AY–SMS–30Jan09
AT90SCR100
• Bit 4 - CRC16 : CRC16 Error
Set by hardware when a CRC16 error has been detected.
Shall be cleared by software. Setting by software has no effect.
• Bit 3 - PTIMEOUT - Pipe Time-out Error
Set by hardware when a time-out error has been detected.
Shall be cleared by software. Setting by software has no effect.
• Bit 2 - PID - PID Error
Set by hardware when a PID error has been detected.
Shall be cleared by software. Setting by software has no effect.
• Bit 1 - DATAPID - Data PID Error
Set by hardware when a data PID error has been detected.
Shall be cleared by software. Setting by software has no effect.
• Bit 0 - DATATGL - Bad Data Toggle
Set by hardware when a data toggle error has been detected.
Shall be cleared by software. Setting by software has no effect.
17.7.17
UPINTX - USB Pipe INTerrupt Register for Pipe X
Set UPNUM register to point to the relevant Pipe before using the UPINTX register.
• Bit 7 - FIFOCON : FIFO Control
For OUT and SETUP Pipe:
Set by hardware when the current bank is free, at the same time than TXOUT or TXSTP.
Clear to send the FIFO data. Setting by software has no effect.
For IN Pipe:
Set by hardware when a new IN message is stored in the current bank, at the same time than
RXIN.
Clear to free the current bank and to switch to the following bank. Setting by software has no
effect.
• Bit 6 - NAKEDI : NAK Handshake received
Set by hardware when a NAK has been received on the current bank of the Pipe. This triggers
an interrupt if the NAKEDE bit is set in the UPIENX register.
Shall be clear to handshake the interrupt. Setting by software has no effect.
• Bit 5 - RWAL : Read/Write Allowed
Bit
7
6
543
2
1
0
$00A6
FIFOCON
NAKEDI
RWAL
PERRI
TXSTPI
TXOUTI RXSTALLI
RXINI
UPINTX
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com