Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 229 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 229 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 225Page - ATMEL Corporation AT90SCR100 Datasheet HTML 226Page - ATMEL Corporation AT90SCR100 Datasheet HTML 227Page - ATMEL Corporation AT90SCR100 Datasheet HTML 228Page - ATMEL Corporation AT90SCR100 Datasheet HTML 229Page - ATMEL Corporation AT90SCR100 Datasheet HTML 230Page - ATMEL Corporation AT90SCR100 Datasheet HTML 231Page - ATMEL Corporation AT90SCR100 Datasheet HTML 232Page - ATMEL Corporation AT90SCR100 Datasheet HTML 233Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 433 page
background image
229
TPR0327AY–SMS–30Jan09
AT90SCR100
17.7.18
UPIENX - USB Pipe Interrupt ENable Register for Pipe X
Set UPNUM register to point to the relevant Pipe before using the UPIENX register.
• Bit 7 - FLERRE : Flow Error Interrupt enable
Set to enable the OVERFI and UNDERFI interrupts.
Clear to disable the OVERFI and UNDERFI interrupts.
• Bit 6 - NAKEDE : NAK Handshake Received Interrupt Enable
Set to enable the NAKEDI interrupt.
Clear to disable the NAKEDI interrupt.
• Bit 5 - Res : Reserved
The value read from these bits is always 0. Do not set these bits.
• Bit 4 - PERRE : PIPE Error Interrupt Enable
Set to enable the PERRI interrupt.
Clear to disable the PERRI interrupt.
• Bit 3 - TXSTPE : SETUP Bank ready Interrupt Enable
Set to enable the TXSTPI interrupt.
Clear to disable the TXSTPI interrupt.
• Bit 2 - TXOUTE : OUT Bank ready Interrupt Enable
Set to enable the TXOUTI interrupt.
Clear to disable the TXOUTI interrupt.
• Bit 1 - RXSTALLE : STALL Received Interrupt Enable
Set to enable the RXSTALLI interrupt.
Clear to disable the RXSTALLI interrupt.
• Bit 0 - RXINE : IN Data received Interrupt Enable
Set to enable the RXINI interrupt.
Clear to disable the RXINI interrupt.
17.7.19
UPDATX - USB Pipe Data Register for Pipe X
Set UPNUM register to point to the relevant Pipe before using the UPDATX register.
Bit
7
6
5
4
3
2
1
0
$00AE
FLERRE
NAKEDE
-
PERRE
TXSTPE TXOUTE RXSTALLE
RXINE
UPIENX
Read/write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
7
6
5
4
3
2
1
0
$00AF
PDAT [7..0]
UPDATX
Read/write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com