Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 225 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 225 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 221Page - ATMEL Corporation AT90SCR100 Datasheet HTML 222Page - ATMEL Corporation AT90SCR100 Datasheet HTML 223Page - ATMEL Corporation AT90SCR100 Datasheet HTML 224Page - ATMEL Corporation AT90SCR100 Datasheet HTML 225Page - ATMEL Corporation AT90SCR100 Datasheet HTML 226Page - ATMEL Corporation AT90SCR100 Datasheet HTML 227Page - ATMEL Corporation AT90SCR100 Datasheet HTML 228Page - ATMEL Corporation AT90SCR100 Datasheet HTML 229Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 433 page
background image
225
TPR0327AY–SMS–30Jan09
AT90SCR100
17.7.13
UPCFG2X - USB Pipe Configuration Register 2 for Pipe X
Set UPNUM register to point to the relevant Pipe before updating the UPCFG2X register.
• Bits 7..0 - INTFRQ7..0 : Interrupt Pipe Request Frequency
These bits are the maximum value in millisecond of the pulling period for an Interrupt Pipe.
17.7.14
UPSTAX - USB Pipe Status Register for Pipe X
Set UPNUM register to point to the relevant Pipe before using the UPSTAX register.
• Bit 7 - CFGOK : Configure Pipe Memory OK
Set by hardware if the required memory configuration has been successfully performed.
Cleared by hardware when the pipe is disabled. The USB reset and the reset pipe have no effect
on the configuration of the pipe.
• Bit 6 - OVERFI : Overflow
Set by hardware when a the current Pipe has received more data than the maximum length of
the current Pipe. An interrupt is triggered if the FLERRE bit is set.
Shall be cleared by software. Setting by software has no effect.
• Bit 5 - UNDERFI : Underflow
Set by hardware when a transaction underflow occurs in the current isochronous or interrupt
Pipe. The Pipe can’t send the data flow required by the device. A ZLP will be sent instead. An
interrupt is triggered if the FLERRE bit is set.
Shall be cleared by software. Setting by software has no effect.
• Bit 4 - Res : Reserved
The value read from these bits is always 0. Do not set these bits.
• Bits 3..2 - DTSEQ1..0 : Toggle Sequencing Flag
Bit
7
6
5
4
321
0
$00AD
INTFRQ [7..0]
UPCFG2X
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
This value has no effect for a non-Interrupt Pipe.
Note
Bit
7
6
5
4
321
0
$00AC
CFGOK
OVERFI UNDERFI
-
DTSEQ [1..0]
NBUSYBK [1..0]
UPSTAX
Read/write
R
R/W
R/W
R
R
R
R
R
Initial value
0
0
0
0
0
0
0
0
0x00
The Host controller has to send a OUT packet, but the bank is empty. A ZLP will
be sent and the UNDERFI bit is set underflow for interrupt Pipe.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com