Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 222 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 222 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 218Page - ATMEL Corporation AT90SCR100 Datasheet HTML 219Page - ATMEL Corporation AT90SCR100 Datasheet HTML 220Page - ATMEL Corporation AT90SCR100 Datasheet HTML 221Page - ATMEL Corporation AT90SCR100 Datasheet HTML 222Page - ATMEL Corporation AT90SCR100 Datasheet HTML 223Page - ATMEL Corporation AT90SCR100 Datasheet HTML 224Page - ATMEL Corporation AT90SCR100 Datasheet HTML 225Page - ATMEL Corporation AT90SCR100 Datasheet HTML 226Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 433 page
background image
222
TPR0327AY–SMS–30Jan09
AT90SCR100
17.7.8
UPNUM - USB Pipe Number Register
• Bits 7..2 - Res : Reserved Bits
The value read from these bits is always 0. Do not set these bits.
• Bits 1..0 - PNUM1..0 : Pipe Number
Select the pipe using this register. The USB Host registers ended by a X correspond then to this
number.
This number is used for the USB controller following the value of the PNUMD bit.
17.7.9
UPRST - USB Pipe Reset Register
• Bits 7..4 - Res : Reserved Bits
The value read from these bits is always 0. Do not set these bits.
• Bit 3 - P3RST : Pipe 3 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 3.
• Bit 2 - P2RST : Pipe 2 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 2.
• Bit 1 - P1RST : Pipe 1 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 1.
• Bit 0 - P0RST : Pipe 0 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 0.
17.7.10
UPCRX - USB Pipe Control Register for Pipe X
Set UPNUM register to point to the relevant Pipe before updating the UPCRX register.
• Bit 7 - Res : Reserved
This bit is reserved. The value read from these bits is always 0. Do not set these bits.
Bit
7654
3
2
1
0
$00A7
-
PNUM1
PNUM0
UPNUM
Read/write
RRRRR
R
R/W
R/W
Initial value
0000
0
0
0
0
0x00
Bit
7654
3
2
1
0
$00A8
----
P3RST
P2RST
P1RST
P0RST
UPRST
Read/write
RRRR
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00
Bit
7
6
5
4
321
0
$00A9
-
PFREEZE INMODE
-
RSTDT
-
-
PEN
UPCRX
Read/write
R
R/W
R/W
R
R/W
R
R
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com