Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 218 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 218 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 214Page - ATMEL Corporation AT90SCR100 Datasheet HTML 215Page - ATMEL Corporation AT90SCR100 Datasheet HTML 216Page - ATMEL Corporation AT90SCR100 Datasheet HTML 217Page - ATMEL Corporation AT90SCR100 Datasheet HTML 218Page - ATMEL Corporation AT90SCR100 Datasheet HTML 219Page - ATMEL Corporation AT90SCR100 Datasheet HTML 220Page - ATMEL Corporation AT90SCR100 Datasheet HTML 221Page - ATMEL Corporation AT90SCR100 Datasheet HTML 222Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 433 page
background image
218
TPR0327AY–SMS–30Jan09
AT90SCR100
• Bits 4 - FRZCLK : Freeze USB Clock Bit
Set to disable the PLL clock input (the ”Resume Detection” is still active). This reduces the
power consumption. Clear to enable the clock inputs.
• Bit 3 - Res : Reserved Bit
This bit is a reserved bit. The value read from this bit is always 0. Do not set this bit.
• Bit 2 - RESUME : Send USB Resume
Set this bit to generate a USB Resume on the USB bus.
Cleared by hardware when the USB Resume has been sent. Clearing by software has no effect.
• Bit 1 - RESET : Send USB Reset
Set this bit to generate a USB Reset on the USB bus.
Cleared by hardware when the USB Reset has been sent. Clearing by software has no effect.
Refer to the “USB Reset” section for more details.
• Bit 0 - SOFEN : Start Of Frame Generation ENable
Set this bit to generate SOF on the USB bus.
Clear this bit to disable the SOF generation and to leave the USB bus in Idle state.
17.7.2
UHSR - USB Host Status Register
• Bits 7..4 - Res : Reserved Bits
These bits are reserved bits. The value read from these bits is always 0. Do not set these bits.
• Bit 3 - SPEED : Speed Status Flag
Set by hardware when the controller is in FULL-SPEED mode. Cleared by hardware when the
controller is in LOW-SPEED mode.
• Bit 2..0 - Res : Reserved Bits
These bits are reserved bits. The value read from these bits is always 0. Do not set these bits.
This bit is different from PRR1.PRUSBH which avoid providing clock to the state
machine of USB Host Controller, disabling the whole controller.
Note
Bit
7654
3
2
1
0
$0099
----
SPEED
-
-
-
UHSR
Read/write
RRRRR
R
R
R
Initial value
0000
1
0
0
0
0x08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com