Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 219 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 219 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 215Page - ATMEL Corporation AT90SCR100 Datasheet HTML 216Page - ATMEL Corporation AT90SCR100 Datasheet HTML 217Page - ATMEL Corporation AT90SCR100 Datasheet HTML 218Page - ATMEL Corporation AT90SCR100 Datasheet HTML 219Page - ATMEL Corporation AT90SCR100 Datasheet HTML 220Page - ATMEL Corporation AT90SCR100 Datasheet HTML 221Page - ATMEL Corporation AT90SCR100 Datasheet HTML 222Page - ATMEL Corporation AT90SCR100 Datasheet HTML 223Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 433 page
background image
219
TPR0327AY–SMS–30Jan09
AT90SCR100
17.7.3
UHINT - USB Host INTerrupt Register
• Bit 7 - Res : Reserved Bit
This bit is reserved for future use. The value read from these bits is always 0. Do not set these
bits.
• Bit 6 - HWUPI : Host Wake-Up Interrupt
Set by hardware when a non-idle state is detected on the USB bus.
Shall be clear by software to acknowledge the interrupt. Setting by software has no effect.
• Bit 5 - HSOFI : Host Start Of Frame Interrupt
Set by hardware when a SOF is issued by the Host controller. This triggers a USB interrupt
when HSOFE is set.
Shall be cleared by software to acknowledge the interrupt. Setting by software has no effect.
• Bit 4 - RXRSMI : Upstream Resume Received Interrupt
Set by hardware when an Upstream Resume has been received from the Device.
Shall be cleared by software. Setting by software has no effect.
• Bit 3 - RSMEDI : Downstream Resume Sent Interrupt
Set by hardware when a Downstream Resume has been sent to the Device.
Shall be cleared by software. Setting by software has no effect.
• Bit 2 - RSTI : USB Reset Sent Interrupt
Set by hardware when a USB Reset has been sent to the Device.
Shall be cleared by software. Setting by software has no effect.
• Bit 1 - DDISCI :Device Disconnection Interrupt
Set by hardware when the device has been removed from the USB bus.
Shall be cleared by software. Setting by software has no effect.
After having detected a disconnection, please reset the USB Host. See “Device Detection” on
page 210.
• Bit 0 - DCONNI : Device Connection Interrupt
Set by hardware when a new device has been connected to the USB bus.
Shall be cleared by software. Setting by software has no effect.
Bit
7654
3
2
1
0
$009F
-
HWUPI
HSOFI
RXRSMI RSMEDI
RSTI
DDISCI
DCONNI
UHINT
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com