Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 223 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 223 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 219Page - ATMEL Corporation AT90SCR100 Datasheet HTML 220Page - ATMEL Corporation AT90SCR100 Datasheet HTML 221Page - ATMEL Corporation AT90SCR100 Datasheet HTML 222Page - ATMEL Corporation AT90SCR100 Datasheet HTML 223Page - ATMEL Corporation AT90SCR100 Datasheet HTML 224Page - ATMEL Corporation AT90SCR100 Datasheet HTML 225Page - ATMEL Corporation AT90SCR100 Datasheet HTML 226Page - ATMEL Corporation AT90SCR100 Datasheet HTML 227Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 433 page
background image
223
TPR0327AY–SMS–30Jan09
AT90SCR100
• Bit 6 - PFREEZE : Pipe Freeze
Set this bit to Freeze the Pipe requests generation.
Clear this bit to enable the Pipe request generation.
This bit is set by hardware when:
• The pipe is not configured
• A STALL handshake has been received on this Pipe
• An error occurs on the Pipe (PERR = 1)
• (INRQ+1) In requests have been processed
This bit is set at 1 by hardware after a Pipe reset or a Pipe enable.
• Bit 5 - INMODE : IN Request mode
Set this bit to allow the USB controller to perform infinite IN requests when the Pipe is not frozen.
Clear this bit to perform a pre-defined number of IN requests. This number is stored in the UIN-
RQX register.
• Bit 4 - Res : Reserved Bit
This bit is reserved. The value read from these bits is always 0. Do not set these bits.
• Bit 3 - RSTDT : Reset Data Toggle
Set this bit to reset the Data Toggle to its initial value for the current Pipe.
Cleared by hardware when proceed. Clearing by software has no effect.
• Bits 2..1 -Res : Reserved Bits
The value read from these bits is always 0. Do not set these bits.
• Bit 0 - PEN : Pipe Enable
Set to enable the Pipe.
Clear to disable and reset the Pipe.
17.7.11
UPCFG0X - USB Pipe Configuration Register 0 for Pipe X
Set UPNUM register to point to the relevant Pipe before updating the UPCFG0X register.
• Bits 7..6 - PTYPE1..0 : Pipe Type
Select the type of the Pipe:
• 00: Control
• 01: Isochronous
• 10: Bulk
• 11: Interrupt
Bit
7
6
5
4
321
0
$00AA
PTYPE [1..0]
PTOKEN [1..0]
PEPNUM [3..0]
UPCFG0X
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com