Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 230 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 230 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 226Page - ATMEL Corporation AT90SCR100 Datasheet HTML 227Page - ATMEL Corporation AT90SCR100 Datasheet HTML 228Page - ATMEL Corporation AT90SCR100 Datasheet HTML 229Page - ATMEL Corporation AT90SCR100 Datasheet HTML 230Page - ATMEL Corporation AT90SCR100 Datasheet HTML 231Page - ATMEL Corporation AT90SCR100 Datasheet HTML 232Page - ATMEL Corporation AT90SCR100 Datasheet HTML 233Page - ATMEL Corporation AT90SCR100 Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 433 page
background image
230
TPR0327AY–SMS–30Jan09
AT90SCR100
• Bits 7..0 - PDAT7..0 : Pipe Data Bits
Set by the software to read/write a byte from/to the Pipe FIFO selected by PNUM.
17.7.20
UPBCX - USB Pipe Byte Count Register for Pipe X
Set UPNUM register to point to the relevant Pipe before using the UPBCXH and UPBCXL
registers.
• Bits 15..11 - Res : Reserved
The value read from these bits is always 0. Do not set these bits.
• Bits 10..0 - PBYCT10..0 : Byte count Bits
Set by hardware.
PBYCT10:0 is:
• (for OUT Pipe) increased after each writing into the Pipe and decremented after each byte
sent,
• (for IN Pipe) increased after each byte received by the host, and decremented after each
byte read by the software.
17.7.21
UPINT - USB Pipe Interrupt Register
• Bits 7..4 - Res : Reserved
The value read from these bits is always 0. Do not set these bits.
• Bits 3..0 - PINT3..0 : Pipe Interrupts Bits
Set by hardware when an interrupt is triggered by the UPINTX register and if the corresponding
endpoint interrupt enable bit is set.
Cleared by hardware when the interrupt source is served.
Bit
151413
12
11
10
9
8
$009C
-----
PBYTCT [10..8]
UPBCXH
$009B
PBYTCT [7..0]
UPBCXL
Bit
76543
2
1
0
Read/write
RRRRR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000
0
0
0
0x00
00000
0
0
0
0x00
Bit
7
6
5
4
3
2
1
0
$009A
-
-
-
-
PINT3
PINT2
PINT1
PINT0
UPINT
Read/write
R
R
R
R
R
R
R
R
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com