Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 190 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 190 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 186Page - ATMEL Corporation AT90SCR100 Datasheet HTML 187Page - ATMEL Corporation AT90SCR100 Datasheet HTML 188Page - ATMEL Corporation AT90SCR100 Datasheet HTML 189Page - ATMEL Corporation AT90SCR100 Datasheet HTML 190Page - ATMEL Corporation AT90SCR100 Datasheet HTML 191Page - ATMEL Corporation AT90SCR100 Datasheet HTML 192Page - ATMEL Corporation AT90SCR100 Datasheet HTML 193Page - ATMEL Corporation AT90SCR100 Datasheet HTML 194Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 433 page
background image
190
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 15-13.
Character Reception Diagram
15.6.4
SCIB Reset
The SCICR register contains a reset bit. If set, this bit generates a reset of the SCIB and its reg-
isters. All default values will be set into the SCIB registers.
15.7
Smart Card Interface Block Registers
15.7.1
SCICR - Smart Card Interface Control Register
• Bit 7 – SCIRESET: Smart Card Interface Reset Bit
Set this bit to reset and deactivate the Smart Card interface. This bit acts as an active high soft-
ware reset.
Clear this bit to activate the Smart Card interface. The read back value becomes 0 only when
the card interface is completely activated and ready.
• Bit 6 – CARDDET: Card Presence Detector Sense
Clear this bit to indicate the card presence detector is open when no card is inserted (CPRES is
high and will go low when a card is inserted).
SCTBE
SCRC
SCPE
SCTBI
SCRI
Shift Register
SCISR Register
SCIIR Register
SCIBUF
SCPI
Received
Character
I/O Pin
SCIER.ESCRI
Bit
7
6
5
4
321
0
$0000FF
SCIRESET CARDDET
VCARD [1..0]
UART
WTEN
CREP
CONV
SCICR
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
When clearing this bit by software, it is required to wait till this bit is cleared before
using the interface.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com