Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 188 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 188 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 184Page - ATMEL Corporation AT90SCR100 Datasheet HTML 185Page - ATMEL Corporation AT90SCR100 Datasheet HTML 186Page - ATMEL Corporation AT90SCR100 Datasheet HTML 187Page - ATMEL Corporation AT90SCR100 Datasheet HTML 188Page - ATMEL Corporation AT90SCR100 Datasheet HTML 189Page - ATMEL Corporation AT90SCR100 Datasheet HTML 190Page - ATMEL Corporation AT90SCR100 Datasheet HTML 191Page - ATMEL Corporation AT90SCR100 Datasheet HTML 192Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 433 page
background image
188
TPR0327AY–SMS–30Jan09
AT90SCR100
As soon as the program executes the CPRES interrupt routine, the CPRES interrupt is automat-
ically cleared. See “Interrupts” on page 63 for CPRES interrupt vector address."
An internal pull-up on Card Presence input can be disconnected in order to reduce the con-
sumption (SCSR.CPRESRES). In this case, an external resistor (typically 1 M
Ω) must be
externally tied to Vcc.
15.6.3
Transmit / Receive Buffer
The contents of the SCIBUF Transmit / Receive Buffer is transferred or received into / from the
Shift Register. The Shift Register is not accessible by the microcontroller. Its role is to prepare
the byte to be copied on the I/O pin for a transmission or in the SCIBUF buffer after a reception.
During a character transmission process, as soon as the contents of the SCIBUF buffer is trans-
ferred to the shift register, the SCTBE bit is set in SCISR register to indicate that the SCIBUF
buffer is empty and ready to accept a new byte. This mechanism avoids to wait for the complete
transmission of the previous byte before writing a new byte in the buffer and enables to speed
up the transmission.
• If the Character repetition mode is not selected (bit CREP=0 in SCICR), as soon as the
contents of the Shift Register is transferred to I/O pin, the SCTC bit is set in SCISR register to
indicate that the byte has been transmitted.
• If the Character repetition mode is selected (bit CREP=1 in SCICR) The terminal will be able
to repeat characters as requested by the ICC (See the Parity Error in T=0 protocol
description in the definition paragraph above). The SCTC bit in SCISR register will be set
after a successful transmission (no retry or no further retry requested by the ICC). If the
number of retries is exhausted (up to 4 retries depending on CREPSEL bit in SCSR) and the
last attempt is still unsuccessful, the SCTC bit in SCISR will not be set and the SCPE bit in
SCISR register will be set instead.
During a character reception process, the contents of the Shift Register is transferred in the SCI-
BUF buffer.
• If the Character repetition mode is not selected (bit CREP=0 in SCICR), as soon as the
contents of the Shift Register is transferred to the SCIBUF the SCRC bit is set in SCISR
register to indicate that the byte has been received, and the SCIBUF contains a valid
character ready to be read by the microcontroller.
• If the Character repetition mode is selected (bit CREP=1 in SCICR) The terminal will be able
to request repetition if the received character exhibit a parity error. Up to 4 retries can be
requested depending on CREPSEL bit in SCSR. The SCRC bit will be set in SCISR register
after a successful reception, first reception or after retry(ies). If the number of retries is
exhausted (up to 4 retries depending on CREPSEL bit in SCSR) and the last retry is still
If Card Presence interruption is enabled, the AT90SCR100 wakes up from low
power mode as soon as an event on CPRES is detected.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com