Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 164 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 160Page - ATMEL Corporation AT90SCR100 Datasheet HTML 161Page - ATMEL Corporation AT90SCR100 Datasheet HTML 162Page - ATMEL Corporation AT90SCR100 Datasheet HTML 163Page - ATMEL Corporation AT90SCR100 Datasheet HTML 164Page - ATMEL Corporation AT90SCR100 Datasheet HTML 165Page - ATMEL Corporation AT90SCR100 Datasheet HTML 166Page - ATMEL Corporation AT90SCR100 Datasheet HTML 167Page - ATMEL Corporation AT90SCR100 Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 433 page
background image
164
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 14-5.
Receiving Data Packets
14.8
USB Device Registers Description
14.8.1
USBCR - USB Control Register
• Bit 7 - URMWU : USB Remote Wake up bit
When in suspend mode, setting this bit to one generates a wake-up command to the host,
according to USB2.0 specifications.
This bit must be cleared by software when USBGS.RSMON is cleared. See “Remote Wake-up”
on page 162.
• Bit 6 - Res : Reserved Bit
This bit is reserved bits in the AT90SCR100 and is always read as zero.
• Bit 5 - UPUC : USB Pull-Up Connection Bit
This bit is set (one) and cleared (zero) by software.
It directly acts on the connection of the USB pull-up attachment resistors between USB bus sig-
nal D+ and VREG.
If set (one) the pull-up is connected. If cleared (zero) the pull-up is not connected.
• Bit 4..2 - Res : Reserved Bits
These bits are reserved bits in the AT90SCR100 and are always read as zero.
USBCSEX.RCVD = 1 ?
(POLLING or INTERRUPT)
NO
READ register
USBDBCEX -> NbBytes
READ DPRAM to get
NbBytes Bytes of data
CLEAR UCSEX.RCVD
END
Bit
7654
3
2
1
0
$0000E0
URMWU
-
UPUC
-
-
-
USBE
-
USBCR
Read/write
R/W
R
R/W
R
R
R
R/W
R
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com