Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 163 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 163 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 159Page - ATMEL Corporation AT90SCR100 Datasheet HTML 160Page - ATMEL Corporation AT90SCR100 Datasheet HTML 161Page - ATMEL Corporation AT90SCR100 Datasheet HTML 162Page - ATMEL Corporation AT90SCR100 Datasheet HTML 163Page - ATMEL Corporation AT90SCR100 Datasheet HTML 164Page - ATMEL Corporation AT90SCR100 Datasheet HTML 165Page - ATMEL Corporation AT90SCR100 Datasheet HTML 166Page - ATMEL Corporation AT90SCR100 Datasheet HTML 167Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 433 page
background image
163
TPR0327AY–SMS–30Jan09
AT90SCR100
14.7
Double Buffering
This special feature available on the endpoints 1, 2 and 3 allows the user to save time during
USB transfers.
It is specially recommended for BULK data transfers but is also suitable for ISOCHRONOUS or
INTERRUPT. CONTROL is not possible on these double buffered endpoints.
The double buffering uses two different data banks of the endpoint size. Its management
remains transparent for the user. The advantages of the double buffering are the followings:
• When receiving data from the host, the software can process the data received in one of the
two banks while the second is being filled. The endpoints that do not have the double
buffering capability must wait for their DPRAM to be emptied by the software before being
ready to receive new data.
• When sending data to the host, the software can fill the free bank while the USB module is
sending data from the other one. The endpoints that do not have this feature must wait for the
previous data to be sent before being allowed to fill again the single bank.
The two following figures provide code algorithm for sending data to the host and receiving data
from the host (respectively IN and OUT tokens). They are also valid for endpoints operating nor-
mally (without the double buffering capability).
Figure 14-4.
Sending Data Packets (Single Buffering)
The figure is correct if several data packets have to be sent. If only one packet is to
be sent the testing of the bit USBCSE.TXPB must be ignored.
FILL DPRAM
SET bit USBCSEX.TXPB
USBCSEX.TXPB = 0 ?
YES
USBCSEX.TXC = 1 ?
(POLLING or INTERRUPT)
NO
NO
YES
CLEAR bit USBCSEX.TXC
LAST DATA PACKET REACHED ?
NO
YES
END
USBCSEX.TXPB = 0 ?
YES
NO
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com