Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 401 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 401 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 397Page - ATMEL Corporation AT90SCR100 Datasheet HTML 398Page - ATMEL Corporation AT90SCR100 Datasheet HTML 399Page - ATMEL Corporation AT90SCR100 Datasheet HTML 400Page - ATMEL Corporation AT90SCR100 Datasheet HTML 401Page - ATMEL Corporation AT90SCR100 Datasheet HTML 402Page - ATMEL Corporation AT90SCR100 Datasheet HTML 403Page - ATMEL Corporation AT90SCR100 Datasheet HTML 404Page - ATMEL Corporation AT90SCR100 Datasheet HTML 405Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 433 page
background image
401
TPR0327AY–SMS–30Jan09
AT90SCR100
30.2.1
Recommendations
1. In Order to reduce the board parasitics, the external components for DCDC converter
should be as close as possible to the chip pins (ideally solded directly on the pins).
2. In order to have a correct current limitation, the board parasitic resistances must be
taken into account in the choice of the Rs value (e.g., if each metal line connecting Rs
to the chip adds a 10 m
Ω resistance, the correct Rs value should be 200-2x10=180mΩ)
3. CVcc and CVss lines must have very low resistance (short and wide metal line).
4. R1, R2, R3 and R4 must be placed as close as possible to the chip pins.
5. Connect e-pad to ground. If possible connect it to ground plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com