Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 405 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 405 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 401Page - ATMEL Corporation AT90SCR100 Datasheet HTML 402Page - ATMEL Corporation AT90SCR100 Datasheet HTML 403Page - ATMEL Corporation AT90SCR100 Datasheet HTML 404Page - ATMEL Corporation AT90SCR100 Datasheet HTML 405Page - ATMEL Corporation AT90SCR100 Datasheet HTML 406Page - ATMEL Corporation AT90SCR100 Datasheet HTML 407Page - ATMEL Corporation AT90SCR100 Datasheet HTML 408Page - ATMEL Corporation AT90SCR100 Datasheet HTML 409Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 433 page
background image
405
TPR0327AY–SMS–30Jan09
AT90SCR100
30.4
Mechanical Information
30.4.1
QFN32
D
E
e
b
A3
0.10
A2
A1
A
D2
E2
0.05 C
L
1
2
3
1
2
3
Pin 1 ID
Pitch #1 Notch
(0.20 R)
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
A
0.90
A1
0.05
A2
0.65
0.70
A3
0.20 REF
b
0.18
0.25
0.30
D
D2
3.40
3.50
3.80
5.00 BSC
5.00 BSC
E
E2
3.40
3.50
3.60
e
0.50 BSC
L
0.40
K
0.35
–
0.45
0.35
–
–
–
–
–
–
K
0.45
K
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Note: JEDEC Standard MO-220, Fig. 2 (Anvil Singulation), VHHD-2
1. All dimensions are in millimeters.
2. Die thickness allowable is 0.305mm maximum.
3. Dimensioning & Tolerances conform to ASME Y14.5M. 1994.
4. The Pin #1 identifier must be placed on the top surface of the package
by using identification mark or other feature of package body.
5. Exact shape and size of this feature is optimal.
6. Package warpage max 0.08mm.
7. Applied for exposed pad and terminals. Exclude embedding part of exposed pard from measuring
8. Applied only to terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com