Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 407 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 407 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 403Page - ATMEL Corporation AT90SCR100 Datasheet HTML 404Page - ATMEL Corporation AT90SCR100 Datasheet HTML 405Page - ATMEL Corporation AT90SCR100 Datasheet HTML 406Page - ATMEL Corporation AT90SCR100 Datasheet HTML 407Page - ATMEL Corporation AT90SCR100 Datasheet HTML 408Page - ATMEL Corporation AT90SCR100 Datasheet HTML 409Page - ATMEL Corporation AT90SCR100 Datasheet HTML 410Page - ATMEL Corporation AT90SCR100 Datasheet HTML 411Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 433 page
background image
407
TPR0327AY–SMS–30Jan09
AT90SCR100
30.4.3
LQFP64 _ TBC
PIN 1 IDENTIFIER
0°~7°
PIN 1
L
L1
c
A1
A2
A
D1
D2
D
e
E1
E2
E
b
Notes:
1. This drawing is for general information only. Refer to JEDEC drawing MS-026 for additional information.
COMMON DIMENSIONS (Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
A
–
–
1.60
A1
0.05
–
0.15
A2
1.35
1.40
1.45
D
12.00 BSC
D1
10.00 BSC
D2
7.50
E
12.00 BSC
E1
10.00 BSC
E2
7.50
b
0.17
0.20
0.27
c
0.09
–
0.20
L
0.45
0.60
0.75
L1
1.00 REF
e
0.50 BSC
64-lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com