Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 410 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 410 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 406Page - ATMEL Corporation AT90SCR100 Datasheet HTML 407Page - ATMEL Corporation AT90SCR100 Datasheet HTML 408Page - ATMEL Corporation AT90SCR100 Datasheet HTML 409Page - ATMEL Corporation AT90SCR100 Datasheet HTML 410Page - ATMEL Corporation AT90SCR100 Datasheet HTML 411Page - ATMEL Corporation AT90SCR100 Datasheet HTML 412Page - ATMEL Corporation AT90SCR100 Datasheet HTML 413Page - ATMEL Corporation AT90SCR100 Datasheet HTML 414Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 433 page
background image
410
TPR0327AY–SMS–30Jan09
AT90SCR100
31.2
DC Characteristics TBC/TBD
Notes:
1. All DC Characteristics contained in this datasheet are based on characterization of other AVR microcontrollers and peripher-
als. These values are preliminary values representing design targets, and will be updated after characterization of silicon.
2. These parameters are only for standard I/Os. These only include: Keyboard Inputs, External Interrupts, Standard Serial
Peripheral Interface (SPI), High-speed Serial Peripheral Interface (HSSPI), JTAG/LED ports (driving only 2 or 4mA), 2-Wire
Interface, Timers I/Os, USART.
3. "Max" means the highest value where the pin is guaranteed to be read as low
4. "Min" means the lowest value where the pin is guaranteed to be read as high
5. Values with “PRR0 – Power Reduction Register 0” and “PRR1 – Power Reduction Register 1” disabled (0x00).
6. Power-down values includes Input Leakage Current.
7. For USB Suspend power-down current measure, you should add 200μA generated by the different resistors on USB D+/D-
lines.
31.3
PORT
Note:
(TA = -20
°C to +50°C, VCC - VOL = 2 V )
TA = -40°C to 85°C, VCC = 2.4V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.(1)
Typ.
Max.(1)
Units
VIL
(2)
Input Low Voltage
VCC = 2.4V - 5.5V
-0.3
0.8(3)
V
VIH
(2)
Input High Voltage
VCC = 2.4V - 5.5V
2.0(4)
VCC + 0.3
V
VIHys
(2)
Hysteresis on Input
VCC = 2.4V - 5.5V
0.4
0.7
V
VOL
(2)
Output Low Voltage,
VCC = 2.4V - 5.5V
0.4
V
VOH
(2)
Output High Voltage,
VCC = 2.4V - 5.5V
VCC - 0.4
V
IIL
(2)
Input Leakage
Current I/O Pin
VCC = 5.5V, pin low
(absolute value)
1
μA
IIH
(2)
Input Leakage
Current I/O Pin
VCC = 5.5V, pin high
(absolute value)
1
μA
RRST
Reset Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω
ICC
Power Supply Current(5)
Active 8MHz, VCC = 5V
(AT90SCR100)
TBD
mA
Idle 8MHz, VCC = 5V
(AT90SCR100)
TBD
mA
Power-down mode(6)
VCC = 5V
100(7)
150
μA
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
IOL
Output Low Current, PC2, PC3, PC4, PC5
LED modes
1
2
3
6
5
8
mA
mA
2 mA configuration
4 mA configuration
IOL
Output Low Current, PORT E
2
mA
IOL
Output Low Current, all other PORTS
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com