Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 409 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 409 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 405Page - ATMEL Corporation AT90SCR100 Datasheet HTML 406Page - ATMEL Corporation AT90SCR100 Datasheet HTML 407Page - ATMEL Corporation AT90SCR100 Datasheet HTML 408Page - ATMEL Corporation AT90SCR100 Datasheet HTML 409Page - ATMEL Corporation AT90SCR100 Datasheet HTML 410Page - ATMEL Corporation AT90SCR100 Datasheet HTML 411Page - ATMEL Corporation AT90SCR100 Datasheet HTML 412Page - ATMEL Corporation AT90SCR100 Datasheet HTML 413Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 433 page
background image
409
TPR0327AY–SMS–30Jan09
AT90SCR100
31. Electrical Characteristics
31.1
Scope
The AT90SCR100 application can make the use of the internal DC/DC converter or not.
Please pay attention to the configuration of the AT90SCR100 before reading the table, to match
your particular needs.
AT90SCR100 without active DC/DC: Vcc range: 2.4V - 5.5V
AT90SCR100 with active DC/DC: Vcc range: 2.7V - 5.5V
Absolute Maximum Ratings*
Operating Temperature.................................... -40
°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current
VCC and GND Pins.........................................TBD
All DC Characteristics contained in this datasheet are based on characterization of
other AVR microcontrollers and peripherals.
These values are preliminary values representing design targets, and will be
updated after characterization of silicon
This datasheet is only a preliminary version. All values indicated here are indica-
tive values, describing what the product should achieve.
ALL THESE VALUES ARE TO BE CONFIRMED OR TO BE DEFINED
Caution
!
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com