Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 411 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 411 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 407Page - ATMEL Corporation AT90SCR100 Datasheet HTML 408Page - ATMEL Corporation AT90SCR100 Datasheet HTML 409Page - ATMEL Corporation AT90SCR100 Datasheet HTML 410Page - ATMEL Corporation AT90SCR100 Datasheet HTML 411Page - ATMEL Corporation AT90SCR100 Datasheet HTML 412Page - ATMEL Corporation AT90SCR100 Datasheet HTML 413Page - ATMEL Corporation AT90SCR100 Datasheet HTML 414Page - ATMEL Corporation AT90SCR100 Datasheet HTML 415Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 433 page
background image
411
TPR0327AY–SMS–30Jan09
AT90SCR100
31.4
Clocks
31.4.1
XTAL1 : External Clock In TBC/TBD
This clock relates to Core and System clock. See “Clock Sources” on page 33.
31.4.2
Calibrated Internal RC Oscillator Accuracy
This clock concerns the Flash/Eeprom specific clock. See “Internal RC Oscillator” on page 37.
31.5
Communication Interfaces
31.5.1
2-wire Serial Interface Characteristics TBC/TBD
Table 31-3 describes the requirements for devices connected to the 2-wire Serial Bus. The
AT90SCR100 2-wire Serial Interface meets or exceeds these requirements under the noted
conditions.
Timing symbols refer to Figure 31-1.
Table 31-1.
XTAL1 = XIN Clock Electrical Characteristics
Symbol
Parameter
Min.
Max.
Units
1/tCPXIN
XIN Clock Frequency
8
MHz
tCHXIN
XIN Clock High Half-Period
0.4 x tCPXIN
tCLCX
XIN Clock Low HAlf-Period
0.4 x tCPXIN
CIN
XIN Input Capacitance
RIN
XIN Pulldown Resistor
Table 31-2.
Calibration Accuracy of Internal RC Oscillator
Frequency
V
CC
Temperature
Calibration Accuracy
Factory Calibration
10.0 MHz
3V
25
⋅C±5%
User Calibration
9.5 - 10.5 MHz
2.4V - 5.5V
-40
⋅C - 85⋅C±1%
Table 31-3.
2-wire Serial Bus Requirements
Symbol
Parameter
Condition
Min
Max
Units
VIL
Input Low-voltage
-0.5
0.3 VCC
V
VIH
Input High-voltage
0.6 VCC
VCC + 0.5
V
Vhys
(1)
Hysteresis of Schmitt Trigger Inputs
0.05 VCC
(2)
–V
VOL
(1)
Output Low-voltage
3 mA sink current
0
0.4
V
tr(1)(8)
Rise Time for both SDA and SCL
20 + 0.1Cb(2)(3)
300
ns
tof
(1)(8)
Output Fall Time from VIHmin to VILmax
10 pF < Cb < 400 pF
(3)
20 + 0.1Cb
(2)(3)
250
ns
tSP
(1)(8)
Spikes Suppressed by Input Filter
0
50(2)
ns
Ci(1)(8)
Capacitance for each I/O Pin
–
10
pF
fSCL
SCL Clock Frequency
fCK
(4)> max(16f
SCL, 250kHz)
(5)
0400
kHz
tHD;STA
Hold Time (repeated) START Condition
fSCL ≤ 100 kHz
4.0
–
μs
fSCL > 100 kHz
0.6
–
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com