Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 414 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 414 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 410Page - ATMEL Corporation AT90SCR100 Datasheet HTML 411Page - ATMEL Corporation AT90SCR100 Datasheet HTML 412Page - ATMEL Corporation AT90SCR100 Datasheet HTML 413Page - ATMEL Corporation AT90SCR100 Datasheet HTML 414Page - ATMEL Corporation AT90SCR100 Datasheet HTML 415Page - ATMEL Corporation AT90SCR100 Datasheet HTML 416Page - ATMEL Corporation AT90SCR100 Datasheet HTML 417Page - ATMEL Corporation AT90SCR100 Datasheet HTML 418Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 433 page
background image
414
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 31-3.
SPI Interface Timing Requirements (Slave Mode)
31.6
USB Interface Characteristics TBC/TBD
MISO
(Data Output)
SCK
(CPOL = 1)
MO SI
(Data Input)
SCK
(CPOL = 0)
SS
MSB
LSB
LSB
MSB
...
...
10
11
11
12
13
14
17
15
9
X
16
Table 31-5.
USB Electrical Parameters
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input Level High (driven)
2.0
V
VIHZ
Input Level High (floating)
2.7
V
VIL
Input Level Low
0.8
V
VDI
Differential Input Sensitivity
0.2
V
VCM
Differential Common Mode
Range
0.8
2.5
V
VOL1
Static Output Low
0.3
V
VOH1
Static Output High
2.8
3.6
V
CIN
Input Capacitance
20
pF
tr
Rise Time
Cout = 50 pF
4
20
ns
tf
Fall Time
Cout = 50 pF
4
20
ns
trfm
Rise / Fall Time matching (tr/tr )90
110
%
Zdrv
Driver Output Resistance
Steady State Drive
28
44
ohm
tdrate
Full Speed Data Rate
Average Bit Rate
11.97
12.03
Mb/s
tframe
Frame Interval
0.9995
1.0005
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com