Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 418 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 418 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 414Page - ATMEL Corporation AT90SCR100 Datasheet HTML 415Page - ATMEL Corporation AT90SCR100 Datasheet HTML 416Page - ATMEL Corporation AT90SCR100 Datasheet HTML 417Page - ATMEL Corporation AT90SCR100 Datasheet HTML 418Page - ATMEL Corporation AT90SCR100 Datasheet HTML 419Page - ATMEL Corporation AT90SCR100 Datasheet HTML 420Page - ATMEL Corporation AT90SCR100 Datasheet HTML 421Page - ATMEL Corporation AT90SCR100 Datasheet HTML 422Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 433 page
background image
418
TPR0327AY–SMS–30Jan09
AT90SCR100
(0xBF)
Reserved
-
-
-
-
-
-
-
-
(0xBE)
Reserved
-
-
-
-
-
-
-
-
(0xBD)
TWAMR
TWAM6
TWAM5
TWAM4
TWAM3
TWAM2
TWAM1
TWAM0
-
328
(0xBC)
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
-TWIE
325
(0xBB)
TWDR
2-wire Serial Interface Data Register
327
(0xBA)
TWAR
TWA6
TWA5
TWA4
TWA3
TWA2
TWA1
TWA0
TWGCE
327
(0xB9)
TWSR
TWS7
TWS6
TWS5
TWS4
TWS3
-
TWPS1
TWPS0
326
(0xB8)
TWBR
2-wire Serial Interface Bit Rate Register
324
(0xB7)
Reserved
-
-
-
-
-
-
-
-
(0xB6)
ASSR
-
EXCLK
AS2
TCN2UB
OCR2AUB
OCR2BUB
TCR2AUB
TCR2BUB
150
(0xB5)
Reserved
-
-
-
-
-
-
-
-
(0xB4)
OCR2B
Timer/Counter2 Output Compare Register B
150
(0xB3)
OCR2A
Timer/Counter2 Output Compare Register A
150
(0xB2)
TCNT2
Timer/Counter2 (8 Bit)
149
(0xB1)
TCCR2B
FOC2A
FOC2B
-
-
WGM22
CS22
CS21
CS20
148
(0xB0)
TCCR2A
COM2A1
COM2A0
COM2B1
COM2B0
-
-WGM21
WGM20
145
(0xAF)
UPDATX
PDAT [7..0]
229
(0xAE)
UPIENX
FLERRE
NAKEDE
-
PERRE
TXSTPE
TXOUTE
RXSTALLE
RXINE
229
(0xAD)
UPCFG2X
INTFRQ [7..0]
225
(0xAC)
UPSTAX
CFGOK
OVERFI
UNDERFI
-
DTSEQ [1..0]
-NBUSYB
225
(0xAB)
UPCFG1X
-
PSIZE [0..2]
PBK [0..1
ALLOC
-
224
(0xAA)
UPCFG0X
PTYPE [1..0]
PTOKEN [0..1]
PEPNUM [0..3]
223
(0xA9)
UPCRX
-
PFREEZE
INMODE
-RSTDT
-
-PEN
222
(0xA8)
UPRST
-
-
-
-
P3RST
P2RST
P1RST
P0RST
222
(0xA7)
UPNUM
-
-
-
-
-
-
PNUM1
PNUM0
222
(0xA6)
UPINTX
FIFOCON
NAKEDI
RWAL
PERRI
TXSPI
TXOUTI
RXSTALLI
RXINI
227
(0xA5)
UPINRQX
INRQ [7..0]
226
(0xA4)
UHFLEN
FLEN [7..0]
221
(0xA3)
UHFNUMH
-
-
-
-
-
FNUM [10..8]
221
(0xA2)
UHFNUML
FNUM [7..0]
221
(0xA1)
UHADDR
-
HADDR [6..0]
221
(0xA0)
UHIEN
-
HWUPE
HSOFE
RXRSME
RSMEDE
RSTE
DDISCE
DCONNE
220
(0x9F)
UHINT
-
HWUPI
HSOFI
RXRSMI
RSMEDI
RSTI
DDISCI
DCONNI
219
(0x9E)
UHCR
UHEN
PAD [1..0]
FRZCLK
-
RESUME
RESET
SOFEN
217
(0x9D)
UPERRX
-
COUNTER [1..0]
CRC16
TIMEOUT
PID
DATAPID
DATATGL
226
(0x9C)
UPBCXH
-
-
-
-
-
PBYTCT [10..8]
230
(0x9B)
UPBCXL
PBYTCT [7..0]
230
(0x9A)
UPINT
-
-
-
-
PINT3
PINT2
PINT1
PINT0
230
(0x99)
UHSR
-
-
-
-
SPEED
-
-
-
218
(0x98)
Reserved
-
-
-
-
-
-
-
-
(0x97)
Reserved
-
-
-
-
-
-
-
-
(0x96)
Reserved
-
-
-
-
-
-
-
-
(0x95)
RNGCR
-
-
-
-
-
-
-ROSCE
336
(0x94)
LFSR3
LFSD [31..24]
336
(0x93)
LFSR2
LFSD [23..16]
336
(0x92)
LFSR1
LFSD [15..8]
336
(0x91)
LFSR0
LFSD [7..0]
336
(0x90)
RDWDR
RDD [7..0]
337
(0x8F)
KBFR
KBF7
KBF6
KBF5
KBF4
KBF3
KBF2
KBF1
KBF0
330
(0x8E)
KBER
KBE7
KBE6
KBE5
KBE4
KBE3
KBE2
KBE1
KBE0
331
(0x8D)
KBLSR
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
332
(0x8C)
Reserved
-
-
-
-
-
-
-
-
(0x8B)
OCR1BH
Timer/Counter1 - Output Compare Register B High Byte
131
(0x8A)
OCR1BL
Timer/Counter1 - Output Compare Register B Low Byte
131
(0x89)
OCR1AH
Timer/Counter1 - Output Compare Register A High Byte
131
(0x88)
OCR1AL
Timer/Counter1 - Output Compare Register A Low Byte
131
(0x87)
ICR1H
Timer/Counter1 - Input Capture Register High Byte
131
(0x86)
ICR1L
Timer/Counter1 - Input Capture Register Low Byte
131
(0x85)
TCNT1H
Timer/Counter1 - Counter Register High Byte
130
(0x84)
TCNT1L
Timer/Counter1 - Counter Register Low Byte
130
(0x83)
Reserved
-
-
-
-
-
-
-
-
(0x82)
TCCR1C
FOC1A
FOC1B
-
-
-
-
-
-
129
(0x81)
TCCR1B
ICNC1
ICES1
-
WGM13
WGM12
CS12
CS11
CS10
128
(0x80)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
-
-WGM11
WGM10
126
(0x7F)
Reserved
-
-
-
-
-
-
-
-
(0x7E)
Reserved
-
-
-
-
-
-
-
-
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com