Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 415 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 415 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 411Page - ATMEL Corporation AT90SCR100 Datasheet HTML 412Page - ATMEL Corporation AT90SCR100 Datasheet HTML 413Page - ATMEL Corporation AT90SCR100 Datasheet HTML 414Page - ATMEL Corporation AT90SCR100 Datasheet HTML 415Page - ATMEL Corporation AT90SCR100 Datasheet HTML 416Page - ATMEL Corporation AT90SCR100 Datasheet HTML 417Page - ATMEL Corporation AT90SCR100 Datasheet HTML 418Page - ATMEL Corporation AT90SCR100 Datasheet HTML 419Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 433 page
background image
415
TPR0327AY–SMS–30Jan09
AT90SCR100
31.7
Smart Card Interface Characteristics
All Characteristics contained in this section are based on characterization of other
products.
These values are preliminary values representing design targets, and will be
updated after characterization of silicon
This datasheet is only a preliminary version. All values indicated here are indica-
tive values, describing what the product should achieve.
ALL THESE VALUES ARE TO BE CONFIRMED OR TO BE DEFINED
Caution
!
Caution
!
Table 31-6.
Smart Card Class A, 5V (CVcc)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
CVCC
Smart card voltage
with Vcc = 2.7V to 2.85V
with Vcc > 2.85V
4.6
4.6
5
5
5.4
5.4
V
Load = 50mA
Load = 60mA
Spikes on CVCC
TBD
V
Vcardok up
Vcardok high level threshold
TBD
V
Vcardok down
Vcardok low level threshold
TBD
V
TVHL
CVCC valid to 0.4V
TBD
TBD
μs
TVLH
CVCC 0 to valid
TBD
TBD
μs
Table 31-7.
Smart Card Class B, 3V (CVcc)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
CVCC
Smart card voltage
with Vcc = 2.7V to 2.85V
with Vcc > 2.85V
2.76
2.76
3
3
3.24
3.24
V
Load = 50mA
Load = 60mA
Spikes on CVCC
TBD
V
Vcardok up
Vcardok high level threshold
TBD
V
Vcardok down
Vcardok low level threshold
TBD
V
TVHL
CVCC valid to 0.4V
TBD
TBD
μs
TVLH
CVCC 0 to valid
TBD
TBD
μs
Table 31-8.
Smart Card C, 1.8V (CVcc)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
CVCC
Smart card voltage
1.66
1.8
1.944
V
Load = 35mA
Spikes on CVCC
TBD
V
Vcardok up
Vcardok high level threshold
TBD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com