Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 67 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 67 Page - ams AG

Back Button AS8218 Datasheet HTML 63Page - ams AG AS8218 Datasheet HTML 64Page - ams AG AS8218 Datasheet HTML 65Page - ams AG AS8218 Datasheet HTML 66Page - ams AG AS8218 Datasheet HTML 67Page - ams AG AS8218 Datasheet HTML 68Page - ams AG AS8218 Datasheet HTML 69Page - ams AG AS8218 Datasheet HTML 70Page - ams AG AS8218 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 67 of 123
Clock Divider Register (SSPCLKDIV, 9401h)
The clock divider register contains control bits to configure the clock-divider, to set-up the serial-clock SC, to
enable the SPI and to select master or slave mode.
MSB
LSB
ENBL
CIDLE
CPHA
M/S
CLKDIV.3
CLKDIV.2
CLKDIV.1
CLKDIV.0
Bit
Symbol
Function
7
ENBL
SPI enable. Enables the SPI interface
1: enable
0: disable
CIDLE
Bit6
CPHA
Bit5
SC Idle
Data shifted
out on SC
Input sampled
on SC
0
0
0
falling
rising
0
1
0
rising
falling
6
CIDLE
Serial clock SC idle state
1: SC idles high
0: SC idles low
1
0
1
rising
falling
1
1
1
falling
rising
5
CPHA
Serial clock SC phase
Data is samples and shifted out
according to CIDLE/CPHA
Note: The CIDLE/CPHA set at 1 1 is used internally by most
standard available EEPROMs
4
M/S
Master/Slave mode
1: Master mode, must be ‘1’
0: Slave mode (stops SPI operation), there is no slave mode available
Bit3
Bit2
Bit1
Bit0
SC-Rate
0
0
0
0
1 : 2
0
0
0
1
1 : 4
0
0
1
0
1 : 8
3
CLKDIV.3
0
0
1
1
1 : 16
0
1
0
0
1 : 32
0
1
0
1
1 : 64
0
1
1
0
1 : 128
2
CLKDIV.2
0
1
1
1
1 : 256
1
0
0
0
1 : 512
1
0
0
1
1 : 1,024
1
0
1
0
1 : 2,048
1
CLKDIV.1
1
0
1
1
1 : 4,096
1
1
0
0
1 : 8,192
1
1
0
1
1 : 16,384
1
1
1
0
1 : 32,768
0
CLKDIV.0
Clock divider exponent
In master mode, SPI output clock SC is
MCU_CLK / 2
CLKDIV+1
1
1
1
1
1 : 65,536
The SPI output clock SC, which is derived from the mcu clock (mcu_clk) may be divided down as shown in the
table above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com