Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 86 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 86 Page - ams AG

Back Button AS8218 Datasheet HTML 82Page - ams AG AS8218 Datasheet HTML 83Page - ams AG AS8218 Datasheet HTML 84Page - ams AG AS8218 Datasheet HTML 85Page - ams AG AS8218 Datasheet HTML 86Page - ams AG AS8218 Datasheet HTML 87Page - ams AG AS8218 Datasheet HTML 88Page - ams AG AS8218 Datasheet HTML 89Page - ams AG AS8218 Datasheet HTML 90Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 86 of 123
Data Memory (X_RAM) and Block Interfaces
The following table shows the start (and stop) addresses for the X_RAM and the block interfaces.
These locations can be accessed with the MOVX instruction.
Start
Address
Stop
Address
Contents
8000h
83FFh
X_RAM
9000h
9002h
SCT Registers
9100h
9133h
RTC Registers
9180h
9181h
WDT Registers
9200h
9220h
LCDD Registers
9300h
9338h
DSP Registers
9400h
9403h
SPI Registers
9500h
951Fh
MPIO Registers
Detailed Memory map:
Address Contents
Address Contents
Address Contents
Address Contents
8000h
…
83FFh X_RAM
9000h
-
9001h
enable signals
9002h
mcuclkdiv[2:0]
9003h
-
SCT
9100h
Seconds/VL
9101h
Minutes
9102h
Hours
9103h
Days
9104h
Weekdays
9105h
Months/Cent.
9106h
Years
9107h
-
9108h
-
9109h
-
910Ah -
910Bh -
910Ch -
910Dh -
910Eh -
910Fh -
9110h
Cont./Status1
9111h
Cont./Status2
9112h
Sec.Tim.B 0
9113h
Sec.Tim.B 1
9114h
Min.Alarm 1
9115h
Hour Alarm 1
9116h
Day Alarm 1
9117h
Mon. Alarm 1
9118h
YearsAlarm 1
9119h
Min.Alarm 2
911Ah Hour Alarm 2
911Bh Day Alarm 2
911Ch Mon. Alarm 2
911Dh YearsAlarm 2
911Eh -
911Fh -
9130h
DivReg B 0
9131h
DivReg B 1
9132h
DivReg B 2
9133h
Freq. Trim
RTC
9180h
WDTE
9181h
WDTCLK[1:0]
WDT
9200h
reg1[7:0]
9201h
reg1[15:8]
9202h
reg1[23:16]
9203h
reg1[31:24]
9204h
reg1[39:32]
9205h
reg1[47:40]
9206h
reg1[55:48]
9207h
reg1[63:56]
9208h
reg1[71:64]
9209h
reg1[79:72]
920Ah reg1[87:80]
920Bh reg1[95:88]
920Ch -
920Dh -
920Eh -
920Fh -
9210h
reg2[7:0]
9211h
reg2[15:8]
9212h
reg2[23:16]
9213h
reg2[31:24]
9214h
reg2[39:32]
9215h
reg2[47:40]
9216h
reg2[55:48]
9217h
reg2[63:56]
9218h
reg2[71:64]
9219h
reg2[79:72]
921Ah reg2[87:80]
921Bh reg2[95:88]
921Ch -
921Dh -
921Eh use_reg
921Fh selvlcd[2:0]
9220h
lcdd_pd
LCDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com