Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 41 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 41 Page - ams AG

Back Button AS8218 Datasheet HTML 37Page - ams AG AS8218 Datasheet HTML 38Page - ams AG AS8218 Datasheet HTML 39Page - ams AG AS8218 Datasheet HTML 40Page - ams AG AS8218 Datasheet HTML 41Page - ams AG AS8218 Datasheet HTML 42Page - ams AG AS8218 Datasheet HTML 43Page - ams AG AS8218 Datasheet HTML 44Page - ams AG AS8218 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 41 of 123
Control / Status 1 Register (9110h)
MSB
LSB
-
-
-
WAIT
-
-
-
-
Bit
Symbol Function
7
-
Not used
6
-
Not used
5
-
Not used
4
WAIT
Indicates that RTC is waiting for a start signal. The start signal is WAIT being reset to 0.
WAIT = 0
RTC running normally. (Clear by MCU.)
WAIT = 1
Is set when time/calendar information is changed (access to registers 9100h to 9106h).
While RTC is waiting for a start signal, 1Hz clock is still gated to the MPIOs.
3
-
Not used
2
-
Not used
1
-
Not used
0
-
Not used
Register bit assignment: (Unassigned bits in the registers are marked with ‘-‘. If these bits are read they will
return zero value. Writing these bits has no effect.)
Control / Status 2 Register (9111h)
MSB
LSB
TSA
-
A2F
A1F
STF
AIE2
AIE1
SIE
Bit
Symbol Function
7
TSA
Time Setting Alarm: Indicates when an impossible time/date has been set and it has been corrected by
the RTC automatically, e.g. 31
st February
1
st February.
An interrupt will be generated and TSA is set to 1. The interrupt is cleared by setting TSA=0 (done by
MCU (software)).
6
-
Not used
5
A2F
Set to logic 1 when an alarm 2 occurs and maintains this value until software clears it. Indicates the
source of the interrupt. Cannot be set by software. When the flag is cleared, also the interrupt is cleared.
4
A1F
Set to logic 1 when an alarm 1 occurs and maintains this value until software clears it. Indicates the
source of the interrupt. Cannot be set by software. When the flag is cleared, also the interrupt is cleared.
3
STF
Set to logic 1 when a seconds timer interrupt occurs and maintains this value until software clears it.
Indicates the source of the interrupt. Cannot be set by software. When the flag is cleared, also the
interrupt is cleared.
2
AIE2
AIE2 = 0; alarm 2 interrupt disabled
AIE2 = 1; alarm 2 interrupt enabled
1
AIE1
AIE1 = 0; alarm 1 interrupt disabled
AIE1 = 1; alarm 1 interrupt enabled
0
SIE
SIE = 0; seconds counter interrupt disabled
SIE = 1; seconds counter interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com