Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 92 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 92 Page - ams AG

Back Button AS8218 Datasheet HTML 88Page - ams AG AS8218 Datasheet HTML 89Page - ams AG AS8218 Datasheet HTML 90Page - ams AG AS8218 Datasheet HTML 91Page - ams AG AS8218 Datasheet HTML 92Page - ams AG AS8218 Datasheet HTML 93Page - ams AG AS8218 Datasheet HTML 94Page - ams AG AS8218 Datasheet HTML 95Page - ams AG AS8218 Datasheet HTML 96Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 92 of 123
Boot Loader (BOOTLOAD)
After power-up the boot loader loads the program data from the EEPROM down to the on-chip P_RAM (Note:
Parameters or settings stored in the EEPROM will not be loaded by BOOTLOAD, this will be handled by the
MCU program.).
Only when this is finished the chip can start with its normal operation. (It is also possible to trigger a bootload
during normal operation, when for example a new program has been written to the EEPROM (debugging!))
The BOOTLOAD block can be seen as a direct interface between SPI and P_RAM.
BOOTLOAD
MCU
SPI
B
O
O
T
M
U
X
P_RAM
B
O
O
T
N
O
R
M
A
L
boot_sel
EEPROM
AS8218/AS8228
Figure 24: BOOTLOAD block diagram
EEPROM Data Organisation
1.
Program data are stored beginning at address 0000h.
2.
Program data size must not be bigger than 24,576 bytes (0000h – 6000h-1), due to P_RAM size.
3.
The length of the program must be stored at the two topmost bytes. The program length is given as number
of bytes, expressed as hexadecimal. The lower byte goes to the lower address, the higher byte to the
higher address. For a 32kB EEPROM this means: 7FFEh: Length, lower byte, 7FFFh: Length, higher byte.
4.
If the length value is bigger than 6000h, the bootloader will just stop after 6000h program data bytes.
5.
If the length value is 0000h or FFFFh, no program load will be done.
6.
It is also possible to use smaller sized EEPROMs, the length value still has to be stored in the two topmost
bytes. The bootloader will always read from the two topmost 32kB addresses, which then are assumed to
‘rolled down’ to the existing two topmost addresses. This adds flexibility to the system configuration.
7.
Meter data and system parameters (selects etc.) are stored in the remaining memory space. The allocation
of memory space is totally up to the MCU program.
8.
Please note that the program data is not protected against overwrites from the MCU program.
9.
Case of No Program:
In case there is no program stored in the EEPROM (boot loader detects all 0s or all 1s at the program
length address) the boot loader writes ‘SJMP $’ (Hex code: 80FEh) to address 0 of the P_RAM. This
guarantees the well defined behavior after first power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com